Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMP0417AAX-E Datasheet(PDF) 7 Page - FIDELIX

Part # CMP0417AAX-E
Description  256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

CMP0417AAX-E Datasheet(HTML) 7 Page - FIDELIX

Back Button CMP0417AAX-E Datasheet HTML 3Page - FIDELIX CMP0417AAX-E Datasheet HTML 4Page - FIDELIX CMP0417AAX-E Datasheet HTML 5Page - FIDELIX CMP0417AAX-E Datasheet HTML 6Page - FIDELIX CMP0417AAX-E Datasheet HTML 7Page - FIDELIX CMP0417AAX-E Datasheet HTML 8Page - FIDELIX CMP0417AAX-E Datasheet HTML 9Page - FIDELIX CMP0417AAX-E Datasheet HTML 10Page - FIDELIX CMP0417AAX-E Datasheet HTML 11Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CMP0417AAx-E
CMOS LPRAM
Revision 0.5
Aug. 2006
7
READ CYCLE (2) (/ZZ=/WE=VIH)
1. tHZ and tOHZ are defined as the time at which the outputs achieve the open circuit conditions and are not referenced
to output voltage levels.
2. At any given temperature and voltage condition, tHZ(Max.) is less than tLZ(Min.) both for a given device and from device
to device interconnection.
3. Do not access device with cycle timing shorter than tRC(tWC) for continuous periods > 160us.
Address
tAA
tCO
tBA
tOE
tOH
tOLZ
tBLZ
tLZ
Data Valid
High-Z
tHZ
tBHZ
tOHZ
/CS
/UB, /LB
/OE
Data Out
tRC
READ CYCLE (1) (Address controlled,/CS=/OE=VIL, /ZZ=/WE=VIH, /UB or/and /LB=VIL)
Address
Data Out
tRC
Previous Data Valid
Data Valid
tAA
tOH
1. tHZ and tOHZ are defined as the time at which the outputs achieve the open circuit conditions and are not referenced
to output voltage levels.
2. At any given temperature and voltage condition, tHZ(Max.) is less than tLZ(Min.) both for a given device and from device
to device interconnection.
3. Do not access device with cycle timing shorter than tRC(tWC) for continuous periods > 160us.
PAGE READ CYCLE (/ZZ=/WE=VIH, 16 words access)
A0~A3
tAA
tCO
tBA
tOE
High-Z
tHZ
tBHZ
tOHZ
/CS
/UB, /LB
/OE
Data Out
tRC
A4~A20
tOH
tPC
tPC
tPC
tPC
tPC
tPC
tPC
tPAA
tPAA
tPAA
tPAA
tPAA
tPAA
tPAA
tLZ
tBLZ
tOLZ
Data Valid
Data Valid
Data Valid
Data Valid
Data Valid
Data Valid
Data Valid
Data Valid
tMRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com