Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT73C239 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT73C239
Description  Power Management and Analog Companions (PMAAC)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT73C239 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT73C239 Datasheet HTML 9Page - ATMEL Corporation AT73C239 Datasheet HTML 10Page - ATMEL Corporation AT73C239 Datasheet HTML 11Page - ATMEL Corporation AT73C239 Datasheet HTML 12Page - ATMEL Corporation AT73C239 Datasheet HTML 13Page - ATMEL Corporation AT73C239 Datasheet HTML 14Page - ATMEL Corporation AT73C239 Datasheet HTML 15Page - ATMEL Corporation AT73C239 Datasheet HTML 16Page - ATMEL Corporation AT73C239 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
13
6201C–PMAAC–31-Jul-07
AT73C239
8.
Normal Procedure
The State Machine monitors the XRESIN pin and provides the proper XRESO pin signal when
reset occurs.
Through the Two-wire Interface (TWI), the user can control and change the output voltage deliv-
ered by LDO1, LDO2, LDO3 and LDO4.
9.
Two-wire Interface (TWI) Protocol
The two-wire interface interconnects components on a unique two-wire bus, made up of one
clock line and one data line with speeds up to 400 Kbits per second, based on a byte oriented
transfer format. The TWI is slave only and has single byte access.
The TWI adds flexibility to the power supply solution, enabling LDO regulators to be controlled
depending on the instantaneous application requirements.
The AT73C239 has the following 7-bit address: 1001000.
Attempting to read data from register addresses not listed in this section results in 0xFF being
read out.
• TWCK is an input pin for the clock
• TWD is an open-drain pin driving or receiving the serial data
The data put on TWD line must be 8 bits long. Data is transferred MSB first. Each byte must be
followed by an acknowledgement.
Each transfer begins with a START condition and terminates with a STOP condition.
• A high-to-low transition on TWD while TWCK is high defines a START condition.
• A low-to-high transition on TWD while TWCK is high defines a STOP condition.
Figure 9-1.
START and STOP Conditions
Figure 9-2.
Transfer Format
After the host initiates a START condition, it sends the 7-bit slave address defined above to
notify the slave device. A read/write bit follows (read = 1, write = 0).
TWD
TWCK
Start
Stop
TWD
TWCK
Start
Address
R/W
Ack
Data
Ack
Data
Ack
Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com