| Electronic Components Datasheet Search |
|
CMS3216LAH Datasheet(PDF) 39 Page - FIDELIX |
|
|
|||||||||||||||||||||||||||||
CMS3216LAH Datasheet(HTML) 39 Page - FIDELIX |
|
39 / 46 page ![]() Rev0.2, Aug. 2006 CMS3216LAx-75Ex Concurrent Auto Precharge If an access command with Auto Precharge is being execeuted an access command (either a Read or Write ) is not allowed by SDRAM’s. If this feature is allowed then the SDRAM supports Concurrent Auto Precharge. Fidelix SDRAMs support Concurrent Auto Precharge. Four casees where Concurrent Auto Precharge occurs are defined below. Read With Auto Precharge 1.Interrupted by a Read(with or without auto precharge): A read to bank m will interrupt a Read on bank n, CAS latency later. The precharge to bank n will begin when the Read to bank m is registered. (Figure 25. ) 2. Interrupted by a Write(with or without auto precharge): A Write to bank m will interrupt a Read on bank n when registered. DQM should be used two clocks prior to the Write command to prevent bus contention. The Precharge to bank n will begin when the write to bank m is registered. (Figure 26. ) Write with Auto Precharge 3. Interrupted by a Read(with or without auto precharge): A Read to bank m will interrupt a Write on bank n when regis- tered , with the data-out appearing CAS latency later. The Pre- charge to bank n will begin after tWR is met, where tWR begins when the Read to bank m is registered. The last valid Write to bank n will be data-in registered one clock prior to the Read to bank m.(Figure 27. ) 4. Interrupted by a Write ( with or without auto Precharge): A Write to bank m will interrupt a Write on bank n when registered. The Precharge to bank n will begin after tWR is met ,where tWR begins when the Write to bank m is registered. The latest valid data Write to bank n will be data registered one clock prior to a Write to bank m.( Figure 28. ) Figure 24. Clock Suspend During Read Burst - Burst of 4 (CAS latency =2) T0 T1 T2 T3 T4 CLK Command Address Read NOP DQ CKE T5 NOP Internal CLK Bank Col n Dout n+1 Dout n+2 T6 NOP Dout n+3 Dout n NOP NOP |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |