Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM2533 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATSAM2533
Description  Audio Processing
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2533 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATSAM2533 Datasheet HTML 6Page - ATMEL Corporation ATSAM2533 Datasheet HTML 7Page - ATMEL Corporation ATSAM2533 Datasheet HTML 8Page - ATMEL Corporation ATSAM2533 Datasheet HTML 9Page - ATMEL Corporation ATSAM2533 Datasheet HTML 10Page - ATMEL Corporation ATSAM2533 Datasheet HTML 11Page - ATMEL Corporation ATSAM2533 Datasheet HTML 12Page - ATMEL Corporation ATSAM2533 Datasheet HTML 13Page - ATMEL Corporation ATSAM2533 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
6396A–DRMSD–15-Oct-08
ATSAM2533
8.2
Recommended Operating Conditions
8.3
DC Characteristics
Table 8-1.
Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Mx
Unit
V
D33
Supply voltage
3
3.3
3.6
V
VD18
Supply voltage (PLL)
1.65
1.8
1.95
V
IREGO
OUTVC18 output current
-
30
mA
TA
Operating ambient temperature
-25
-
70
°C
Table 8-2.
DC Characteristics (T
A = 25°C, VD33 = 3.3V ± 10%, VD18 = 1.8V ± 10%)
Symbol
Parameter
Min
Typ
Mx
Unit
VIL
Low level input voltage
-0.3
-
0.8
V
VIH
High level input voltage on 5VT pins
2
-
5.5
V
V
IH
High level input voltage on non-5VT pins
2
-
3.6
V
VOL
Low level output voltage IOL=4mA
-
-
0.4
V
VOH
High level output voltage IOH=4mA
VD33-0.4
-
-
V
ID18
Power supply current at (crystal freq.=12.288 MHz)
0.7
mA
ID33
22
mA
–
Power down supply current
0.6
mA
Rud
Pull-up or Pull-down resistor
8
13
25
kOhm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com