Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMP3217BA1 Datasheet(PDF) 3 Page - FIDELIX

Part # FMP3217BA1
Description  2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

FMP3217BA1 Datasheet(HTML) 3 Page - FIDELIX

  FMP3217BA1 Datasheet HTML 1Page - FIDELIX FMP3217BA1 Datasheet HTML 2Page - FIDELIX FMP3217BA1 Datasheet HTML 3Page - FIDELIX FMP3217BA1 Datasheet HTML 4Page - FIDELIX FMP3217BA1 Datasheet HTML 5Page - FIDELIX FMP3217BA1 Datasheet HTML 6Page - FIDELIX FMP3217BA1 Datasheet HTML 7Page - FIDELIX FMP3217BA1 Datasheet HTML 8Page - FIDELIX FMP3217BA1 Datasheet HTML 9Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
FMP3217BAx
CMOS LPRAM
Revision 0.3
Feb. 2007
3
PRODUCT LIST
48-FBGA, 60ns, VCC=3.0V, VCCQ=3.0V(2.5V,1.8V)
48-FBGA, 70ns, VCC=3.0V, VCCQ=3.0V(2.5V,1.8V)
FMP3217BAx-H60E
FMP3217BAx-H70E
Function
Part Name
ABSOLUTE MAXIMUM RATINGS1)
’C
-65 to 150
TSTG
Storage temperature
W
1.0
PD
Power Dissipation
V
-0.2 to 3.6
Vcc
Voltage on Vcc supply relative to Vss
V
-0.2 to Vcc+0.3V
VIN, VOUT
Voltage on any pin relative to Vss
Unit
Ratings
Symbol
Item
1. Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. Functional operation should be restricted to
recommended operating condition. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
-0.22)
0.8VCCQ
0
2.7
2.7
Min
FMP3217BA
0.2VCCQ
VCC+0.21)
0
3.3
3.3
Max
-0.22)
0.8VCCQ
0
2.25
2.7
Min
0.2VCCQ
VCC+0.21)
0
2.75
3.3
Max
1.95
V
3.3
2.7
VCC
Supply voltage
0.2VCCQ
VCC+0.21)
0
Max
V
-0.22)
VIL
Input low voltage
V
0.8VCCQ
VIH
Input high voltage
V
0
VSS
Ground
V
1.65
VCCQ
I/O operating voltage (VCCQ ≤ VCC)
Unit
Min
Symbol
Item
Note :
1. Overshoot : Vcc+1.0V in case of pulse width≤20ns.
2. Undershoot : -1.0V in case of pulse width≤20ns.
3. Overshoot and undershoot are sampled, not 100% tested.
FUNCTIONAL DESCRIPTION
Direct DPD2)
Deselected
High-Z
High-Z
X1)
X1)
X1)
X1)
L
X1)
Active
Word Write
Din
Din
L
L
Active
Upper Byte Write
Din
High-Z
L
H
Active
Lower Byte Write
High-Z
Din
H
L
L
X1)
Active
Word Read
Dout
Dout
L
L
Active
Upper Byte Read
Dout
High-Z
L
H
Active
Lower Byte Read
High-Z
Dout
H
L
H
L
H
L
Active
Output Disabled
High-Z
High-Z
L
X1)
H
H
H
Active
Output Disabled
High-Z
High-Z
X1)
L
H
H
H
L
Standby
Deselected
High-Z
High-Z
H
H
X1)
X1)
H
X1)
Low Power Modes3)
Deselected
High-Z
High-Z
X1)
X1)
X1)
X1)
L
H
Standby
Deselected
High-Z
High-Z
X1)
X1)
X1)
X1)
H
H
Power
Mode
I/O9-16
I/O1-8
/UB
/LB
/WE
/OE
/ZZ
/CS
1. X means don’t care.(Must be low or high state)
2. In case of FMP3217BA2 & FMP3217BA5 product
3. In case of FMP3217BA1 & FMP3217BA4 product
1. F=FBGA, G=FBGA(Pb-Free), H=FBGA(Pb-Free & Halogen Free), W=WAFER
2. Operating Temperature Range: S (-10’C~60’C), C(0’C~70’C), E(-25’C~85’C), I (-40’C~85’C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com