Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90USB647 Datasheet(PDF) 83 Page - ATMEL Corporation

Part # AT90USB647
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB647 Datasheet(HTML) 83 Page - ATMEL Corporation

Back Button AT90USB647 Datasheet HTML 79Page - ATMEL Corporation AT90USB647 Datasheet HTML 80Page - ATMEL Corporation AT90USB647 Datasheet HTML 81Page - ATMEL Corporation AT90USB647 Datasheet HTML 82Page - ATMEL Corporation AT90USB647 Datasheet HTML 83Page - ATMEL Corporation AT90USB647 Datasheet HTML 84Page - ATMEL Corporation AT90USB647 Datasheet HTML 85Page - ATMEL Corporation AT90USB647 Datasheet HTML 86Page - ATMEL Corporation AT90USB647 Datasheet HTML 87Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 459 page
background image
83
7593H–AVR–11/08
ATmega32U6/AT90USB64/128
10.3.4
Alternate Functions of Port C
The Port C alternate function is as follows:
Table 10-10 and Table 10-11 relate the alternate functions of Port C to the overriding signals
shown in Figure 10-5 on page 77.
Table 10-9.
Port C Pins Alternate Functions
Port Pin
Alternate Function
PC7
A15/IC.3/CLKO(External Memory interface address bit 15 or
Input Capture Timer 3 or CLKO (Divided System Clock)
PC6
A14/OC.3A(External Memory interface address bit 14 or
Output Compare and PWM output A for Timer/Counter3)
PC5
A13/OC.3B(External Memory interface address bit 13 or
Output Compare and PWM output B for Timer/Counter3)
PC4
A12/OC.3C(External Memory interface address bit 12 or
Output Compare and PWM output C for Timer/Counter3)
PC3
A11/T.3(External Memory interface address bit 11or
Timer/Counter3 Clok Input)
PC2
A10(External Memory interface address bit 10)
PC1
A9(External Memory interface address bit 9)
PC0
A8(External Memory interface address bit 8)
Table 10-10. Overriding Signals for Alternate Functions in PC7..PC4
Signal
Name
PC7/A15/IC.3/CLK
O
PC6/A14/OC.3A
PC5/A13/OC.3B
PC4/A12/OC.3C
PUOE
SRE • (XMM<1)
SRE •
(XMM<2)|OC3A
enable
SRE •
(XMM<3)|OC3B
enable
SRE •
(XMM<4)|OC3C
enable
PUOV
0
0
0
0
DDOE
SRE • (XMM<1)
SRE • (XMM<2)
SRE • (XMM<3)
SRE • (XMM<4)
DDOV
1
1
1
1
PVOE
SRE • (XMM<1)
SRE • (XMM<2)
SRE • (XMM<3)
SRE • (XMM<4)
PVOV
A15
if (SRE.XMM<2)
then A14
else OC3A
if (SRE.XMM<2)
then A13
else OC3B
if (SRE.XMM<2)
then A12
else OC3C
DIEOE
0
0
0
0
DIEOV
0
0
0
0
DI
ICP3 input
–
–
–
AIO
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com