Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH08T240FAS Datasheet(PDF) 25 Page - Texas Instruments

Part # PTH08T240FAS
Description  10-A, 4.5-V to 14-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T240FAS Datasheet(HTML) 25 Page - Texas Instruments

Back Button PTH08T240FAS Datasheet HTML 21Page - Texas Instruments PTH08T240FAS Datasheet HTML 22Page - Texas Instruments PTH08T240FAS Datasheet HTML 23Page - Texas Instruments PTH08T240FAS Datasheet HTML 24Page - Texas Instruments PTH08T240FAS Datasheet HTML 25Page - Texas Instruments PTH08T240FAS Datasheet HTML 26Page - Texas Instruments PTH08T240FAS Datasheet HTML 27Page - Texas Instruments PTH08T240FAS Datasheet HTML 28Page - Texas Instruments PTH08T240FAS Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
Smart Sync
GND
PTH08T220W
Track
C
I1
330 mF
+
UDG-07132
V
I
Sync
TurboTrans
+Sense
V
O
-Sense
+
GND
C
O1
220 mF
PRE
GND
Q
Q
CLK
CLK
D
V
CC
GND
PTH08T240F
Track
C
I2
220 mF
+
V
I
Sync
TurboTrans
+Sense
R
SET2
V
OAdj
V
O
-Sense
+
GND
C
O2
1000 mF
0°
180°
V
O2
f
CLK= 2 x fMOD
SN74LVC2G74
V
I= 5 V
V
O1
R
SET1
V
OAdj
Inhibit/
UVLO
Inhibit/
UVLO
PTH08T240F
www.ti.com........................................................................................................................................ SLTS277C – DECEMBER 2006 – REVISED DECEMBER 2008
Smart Sync is a feature that allows multiple power modules to be synchronized to a common frequency. Driving
the Smart Sync pins with an external oscillator set to the desired frequency, synchronizes all connected modules
to the selected frequency. The synchronization frequency can be higher or lower than the nominal switching
frequency of the modules within the range between 240 kHz and 400 kHz (see Electrical Specifications table for
frequency limits). Synchronizing modules powered from the same bus, eliminates beat frequencies reflected back
to the input supply, and also reduces EMI filtering requirements. Eliminating the low beat frequencies (usually <
10 kHz) allows the EMI filter to be designed to attenuate only the synchronization frequency. Power modules can
also be synchronized out of phase to minimize source current loading and minimize input capacitance
requirements. If unused, connect the Smart Sync pin to GND (pin 3). Figure 29 shows a standard circuit with two
modules syncronized 180° out-of-phase using a D flip-flop.
Figure 29. Smart Sync Schematic
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): PTH08T240F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com