Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90USB1287 Datasheet(PDF) 49 Page - ATMEL Corporation

Part # AT90USB1287
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB1287 Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button AT90USB1287 Datasheet HTML 45Page - ATMEL Corporation AT90USB1287 Datasheet HTML 46Page - ATMEL Corporation AT90USB1287 Datasheet HTML 47Page - ATMEL Corporation AT90USB1287 Datasheet HTML 48Page - ATMEL Corporation AT90USB1287 Datasheet HTML 49Page - ATMEL Corporation AT90USB1287 Datasheet HTML 50Page - ATMEL Corporation AT90USB1287 Datasheet HTML 51Page - ATMEL Corporation AT90USB1287 Datasheet HTML 52Page - ATMEL Corporation AT90USB1287 Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 459 page
background image
49
7593H–AVR–11/08
ATmega32U6/AT90USB64/128
Figure 6-4.
PLL Clocking System
6.10.2
PLL Control and Status Register – PLLCSR
• Bit 7..5 – Res: Reserved Bits
These bits are reserved bits in the ATmega32U6/AT90USB64/128 and always read as zero.
• Bit 4..2 – PLLP2:0 PLL Prescaler
These bits allow to configure the PLL input prescaler to generate the 2MHz input clock for the
PLL.
Note:
1. For AT90USB128x only. Do not use with AT90USB64x.
2. For AT90USB64x and ATmega32U6 only. Do not use with AT90USB128x.
8 MHz
RC OSCILLATOR
XTAL1
XTAL2
OSCILLATORS
PLL
24x
PLLE
Lock
Detector
PLOCK
clkUSB
System Clock
clk
2MHz
PLL clock
Prescaler
(48MHz)
Bit
7
65
432
1
0
$29 ($29)
PLLP2
PLLP1
PLLP0
PLLE
PLOCK
PLLCSR
Read/Write
R
R
R
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0/1
0
Table 6-11.
PLL input prescaler configurations
PLLP2
PLLP1
PLLP0
Clock Division
Factor
External XTAL required for USB
operation (MHz)
0
0
0
Reserved
-
0
0
1
Reserved
-
0
1
0
Reserved
-
01
1
4
8
1
0
0
Reserved
-
10
1
8
(1)
16
(1)
11
0
8
(2)
16
(2)
1
1
1
Reserved
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com