Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72371N4T1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST72371N4T1
Description  8-BIT MCUs WITH 16K ROM/OTP/EPROM,512 BYTES RAM, ADC, DAC (PWM), TIMER, I2C AND SCI
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72371N4T1 Datasheet(HTML) 4 Page - STMicroelectronics

  ST72371N4T1 Datasheet HTML 1Page - STMicroelectronics ST72371N4T1 Datasheet HTML 2Page - STMicroelectronics ST72371N4T1 Datasheet HTML 3Page - STMicroelectronics ST72371N4T1 Datasheet HTML 4Page - STMicroelectronics ST72371N4T1 Datasheet HTML 5Page - STMicroelectronics ST72371N4T1 Datasheet HTML 6Page - STMicroelectronics ST72371N4T1 Datasheet HTML 7Page - STMicroelectronics ST72371N4T1 Datasheet HTML 8Page - STMicroelectronics ST72371N4T1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 94 page
background image
4/94
ST72371/ST72372
1 GENERAL DESCRIPTION
1.1 INTRODUCTION
The ST72371/ST72372 HCMOS Microcontroller
Units are members of the ST7 family. These devic-
es are based on an industry standard 8-bit core
and feature an enhanced instruction set. The proc-
essor runs with an external clock up to 24 MHz
with a 5.5V supply. Under software control the
ST72371/ST72372 can be placed in WAIT, SLOW
or HALT modes thus reducing power consump-
tion. The enhanced instruction set and addressing
modes afford real programming potential.
In addition to standard 8-bit data management the
ST7 features true bit manipulation, 8x8 unsigned
multiplication and indirect addressing modes on
the whole memory.
The devices include an on-chip oscillator, CPU,
16K bytes program memory, 512 bytes RAM, 23 to
32 I/O lines, a Timer with 2 Input Captures and 2
Output Compares (with 1 output pin), a 4 to 8
channel A/D Converter, an I
2C multi Master, an
SCI
(1) Serial Communications Interface, a Watch-
dog Reset, four 10-bit and one 12-bit D/A Convert-
er channels with PWM output.
Figure 1. ST72371/ST72372 Block Diagram
(1)ST72371N only
VSS
OSCIN
OSCOUT
RESET
ADC
PORT C
I2C
PORT D
SCI
(1)
PWM (DAC)
Internal
CLOCK
VDD
(16K Bytes)
(512 Bytes)
PROGRAM
RAM
PORT B
PORT A
VR02120E
PA0-PA7
PB0-PB7
POWER SUPPLY
8-BIT CORE
ALU
CONTROL
DA0-DA4
WATCHDOG
TIMER
OSC
Mode
Selection
:3
ICAP2
ICAP1
(8 bits for ST72371N)
(6 bits for ST72372J)
(8 bits for ST72371N)
(4 bits for ST72372J)
MEMORY
PC0-PC7
PD0-PD7
(8 bits for ST72371N)
(6 bits for ST72372J)
(8 bits for ST72371N)
(7 bits for ST72372J)
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com