Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT68166F Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT68166F
Description  Rad Hard 16 MegaBit 3.3V SRAM MultiChip Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT68166F Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT68166F Datasheet HTML 7Page - ATMEL Corporation AT68166F Datasheet HTML 8Page - ATMEL Corporation AT68166F Datasheet HTML 9Page - ATMEL Corporation AT68166F Datasheet HTML 10Page - ATMEL Corporation AT68166F Datasheet HTML 11Page - ATMEL Corporation AT68166F Datasheet HTML 12Page - ATMEL Corporation AT68166F Datasheet HTML 13Page - ATMEL Corporation AT68166F Datasheet HTML 14Page - ATMEL Corporation AT68166F Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
7747A–AERO–07/07
AT68166F/G
Read Cycle
Table 5. Read cycle timings(1)
Notes:
1. Timings figures applicable for 8-bit, 16-bit and 32-bit mode.
2. Parameters guaranteed, not tested, with output loading 5 pF. (See “AC Test Loads Waveforms” on page 9.)
Figure 10. Read Cycle nb 1: Address Controlled (CS = OE = VIL, WE = VIH)
Symbol
Parameter
AT68166F-20
AT68166F-18
Unit
min
max
min
max
TAVAV
Read cycle time
20
-
18
-
ns
TAVQV
Address access time
-
20
-
18
ns
TAVQX
Address valid to low Z
5
-
5
-
ns
TELQV
Chip-select access time
-
20
-
18
ns
TELQX
CS low to low Z(2)
5
-
5
-
ns
TEHQZ
CS high to high Z(2)
-
9
-
8
ns
TGLQV
Output Enable access time
-
11
-
8
ns
TGLQX
OE low to low Z(2)
2
-
2
-
ns
TGHQZ
OE high to high Z (2)
-
9
-
8
ns
ADDRESS
DOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com