Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STFLWARP20PL Datasheet(PDF) 22 Page - STMicroelectronics

Part # STFLWARP20PL
Description  8-BIT FUZZY CO-PROCESSOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFLWARP20PL Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STFLWARP20PL Datasheet HTML 18Page - STMicroelectronics STFLWARP20PL Datasheet HTML 19Page - STMicroelectronics STFLWARP20PL Datasheet HTML 20Page - STMicroelectronics STFLWARP20PL Datasheet HTML 21Page - STMicroelectronics STFLWARP20PL Datasheet HTML 22Page - STMicroelectronics STFLWARP20PL Datasheet HTML 23Page - STMicroelectronics STFLWARP20PL Datasheet HTML 24Page - STMicroelectronics STFLWARP20PL Datasheet HTML 25Page - STMicroelectronics STFLWARP20PL Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ON-LINE MASTER PHASE TIMING
OC0-OC1
OFL
DS
READY
BUSY
RD
I0-I7
INP 0
INP 1
INP N
O0-O10
O11
OUT 0
OUT 1
OUT N
ADDR 0
ADDR 1
ADDR N
WAIT
OUT N-1
ADDR N-1
T
4
T
5
T
6
T
7
T
8
T
3
T
2
T
3
T
1
T
9
T
10
T
10
T
11
Symbol
Mode
Parameter
Min
Typ
Max
Unit
T1
On-Line
Master
OFL Low
to first RD High
3
Clock
Pulses
T2
On-Line
Master
RD High
to READY High
2
Clock
Pulses
T3
On-Line
Master
OFL/BUSY Low
to O11 Pulse
10
Clock
Pulses
T4
On-Line
Master
RD High
to next RD High
10
Clock
Pulses
T5
On-Line
Master
READY High
to BUSY High
1
Clock
Pulses
T6
(1)
On-Line
Master
BUSY High
to first Output Ready
64
Clock
Pulses
T7
(1)
On-Line
Master
DS High
to next DS High
64
Clock
Pulses
T8
On-Line
Master
WAIT Low
to next Output Valid
32
Clock
Pulses
T9
On-Line
Master
Elaboration
Time
see fig.6
Clock
Pulses
T10
On-Line
Master
DS Pulse Width
5
Clock
Pulses
T11
On-Line
Master
LAST DS Pulse Width
1
Clock
Pulses
Table 13. On-Line Master Timing Parameters
Note 1. It depends on the number of rules related to the current output variable. Each output variable needs at least two
rules and each rule requires 32 clock pulses.
22/28
W.A.R.P.2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com