Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS27C256L Datasheet(PDF) 5 Page - STMicroelectronics

Part # WS27C256L
Description  Military 32K x 8 CMOS EPROM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WS27C256L Datasheet(HTML) 5 Page - STMicroelectronics

  WS27C256L Datasheet HTML 1Page - STMicroelectronics WS27C256L Datasheet HTML 2Page - STMicroelectronics WS27C256L Datasheet HTML 3Page - STMicroelectronics WS27C256L Datasheet HTML 4Page - STMicroelectronics WS27C256L Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
ORDERING INFORMATION
OPERATING
WSI
PART NUMBER
TEMPERATURE MANUFACTURING
RANGE
PROCEDURE
WS27C256L-12CMB
*
120
32 Pad CLLCC
C2
Military
MIL-STD-883C
WS27C256L-12DMB
*
120
28 Pin CERDIP, 0.6"
D2
Military
MIL-STD-883C
WS27C256L-12TMB
*
120
28 Pin CERDIP, 0.3"
T2
Military
MIL-STD-883C
WS27C256L-15DMB
*
150
28 Pin CERDIP, 0.6"
D2
Military
MIL-STD-883C
WS27C256L-15TMB
*
150
28 Pin CERDIP, 0.3"
T2
Military
MIL-STD-883C
WS27C256L-20DMB
*
200
28 Pin CERDIP, 0.6"
D2
Military
MIL-STD-883C
4-23
WS27C256L
NOTE: The actual part marking will not include the initials "WS."
*SMD product. See page 4-1 for SMD number.
PROGRAMMING/ALGORITHMS/ERASURE/PROGRAMMERS
REFER TO
PAGE 5-1
The WS27C256L is programmed using Algorithm C shown on page 5-7.
SPEED
PACKAGE
PACKAGE
(ns)
TYPE
DRAWING
MODE
PINS
CE/PGM
OE
A9
A0
VPP
VCC
OUTPUTS
Read
VIL
VIL
XX
VCC
5.0 V
DOUT
Output Disable
X
VIH
XX
VCC
5.0 V
High Z
Standby
VIH
XXX
VCC
5.0 V
High Z
Programming
VIL
VIH
XX
VPP
(12)
5.8 V
DIN
Program Verify
X
VIL
XX
VPP
(12)
5.8 V
DOUT
Program Inhibit
VIH
VIH
XX
VPP
(12)
5.0 V
High Z
Signature
Manufacturer(13)
VIL
VIL
VH
(12)
VIL
VCC
5.0 V
23 H
Device(13)
VIL
VIL
VH
(12)
VIH
VCC
5.0 V
C0 H
MODE SELECTION
The modes of operation of the WS27C256L are listed below. A single 5 V power supply is required in the read
mode. All inputs are TTL levels except for VPP and A9 for device signature.
NOTES: 11. X can be VIL or VIH.
12. VH = VPP = 12.5 ± 0.5 V.
13. A1 – A8, A10 – A14 = VIL.
Return to Main Menu



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com