Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS57C128FB Datasheet(PDF) 1 Page - STMicroelectronics

Part # WS57C128FB
Description  HIGH SPEED 16K x 8 CMOS EPROM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WS57C128FB Datasheet(HTML) 1 Page - STMicroelectronics

  WS57C128FB Datasheet HTML 1Page - STMicroelectronics WS57C128FB Datasheet HTML 2Page - STMicroelectronics WS57C128FB Datasheet HTML 3Page - STMicroelectronics WS57C128FB Datasheet HTML 4Page - STMicroelectronics WS57C128FB Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT SELECTION GUIDE
PARAMETER
WS57C128FB-35
WS57C128FB-45
WS57C128FB-55
WS57C128FB-70
Address Access Time (Max)
35 ns
45 ns
55 ns
70 ns
Chip Select Time (Max)
35 ns
45 ns
55 ns
70 ns
Output Enable Time (Max)
20 ns
25 ns
25 ns
25 ns
WS57C128FB
3-7
HIGH SPEED 16K x 8 CMOS EPROM
KEY FEATURES
Very Fast Access Time
Standard EPROM Pinout
— 35 ns
DIP and Surface Mount Packaging
Low Power Consumption
Available
EPI Processing
— Latch-up Immunity Up to 200 mA
GENERAL DESCRIPTION
The WS57C128FB is a High Performance 128K UV Erasable Electrically Programmable Read Only Memory. It is
manufactured with an advanced CMOS technology which enables it to operate at Bipolar speeds while consuming
only 90 mA.
Two major features of the WS57C128FB are its Low Power and High Speed. These features make it an ideal
solution for applications which require fast access times, low power, and non-volatility. Typical applications include
systems which do not utilize mass storage devices and/or are board space limited.
The WS57C128FB is configured in the standard EPROM pinout which provides an easy upgrade path for systems
which are currently using standard EPROMs. The EPROMs are available in both 600 Mil DIP packages, and both
J-leaded and leadless surface mount packages.
VCC
PGM
A13
A8
A9
A11
OE
A10
CE
O7
O6
O5
O4
O3
VPP
A12
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
A8
A9
A11
NC
OE
A10
CE
O7
O6
A6
A5
A4
A3
A2
A1
A0
NC
O0
O1 O2
NC O3 O4 O5
1
43
2
32 31 30
29
28
27
26
25
24
23
22
21
5
6
7
8
9
10
11
12
13
14 15 16 17 18 19 20
TOP VIEW
Chip Carrier
CERDIP
PIN CONFIGURATION
PINS
PGM
CE
OE
VPP
VCC OUTPUTS
MODE
Read
X
VIL
VIL
VCC VCC
DOUT
Output
Disable
XX
VIH
VCC VCC
High Z
Standby
X
VIH
XVCC
VCC
High Z
Program
VIL
VIL
VIH
VPP
VCC
DIN
Program
Verify
VIH
VIL
VIL
VPP
VCC
DOUT
Program
Inhibit
XVIH
XVPP
VCC
High Z
X can be VIL or VIH.
MODE SELECTION
Return to Main Menu


Similar Part No. - WS57C128FB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WS57C191 STMICROELECTRONICS-WS57C191 Datasheet
17Kb / 2P
MILITARY HIGH SPEED 2K x 8 CMOS PROM/RPROM
WS57C191 STMICROELECTRONICS-WS57C191 Datasheet
54Kb / 7P
HIGH SPEED 2K x 8 CMOS PROM/RPROM
WS57C191C STMICROELECTRONICS-WS57C191C Datasheet
17Kb / 2P
MILITARY HIGH SPEED 2K x 8 CMOS PROM/RPROM
WS57C191C STMICROELECTRONICS-WS57C191C Datasheet
54Kb / 7P
HIGH SPEED 2K x 8 CMOS PROM/RPROM
WS57C191C-1 STMICROELECTRONICS-WS57C191C-1 Datasheet
17Kb / 2P
MILITARY HIGH SPEED 2K x 8 CMOS PROM/RPROM
More results

Similar Description - WS57C128FB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WS57C256F STMICROELECTRONICS-WS57C256F Datasheet
49Kb / 5P
HIGH SPEED 32K x 8 CMOS EPROM
WS57C51C STMICROELECTRONICS-WS57C51C Datasheet
53Kb / 7P
HIGH SPEED 16K x 8 CMOS PROM/RPROM
logo
Winbond
W24129A WINBOND-W24129A Datasheet
199Kb / 9P
16K X 8 HIGH-SPEED CMOS STATIC RAM
logo
Fairchild Semiconductor
NM27C128 FAIRCHILD-NM27C128 Datasheet
112Kb / 11P
131,072-Bit (16K x 8) High Performance CMOS EPROM
logo
Microchip Technology
27C128 MICROCHIP-27C128 Datasheet
62Kb / 12P
128K (16K x 8) CMOS EPROM
1996
logo
Cypress Semiconductor
27H010 CYPRESS-27H010 Datasheet
212Kb / 9P
128K x 8 High-Speed CMOS EPROM
CY27H512 CYPRESS-CY27H512 Datasheet
782Kb / 11P
64K x 8 High-Speed CMOS EPROM
CY27C128 CYPRESS-CY27C128 Datasheet
521Kb / 9P
128K (16K x 8-Bit) CMOS EPROM
logo
Integrated Silicon Solu...
IS27HC010 ISSI-IS27HC010 Datasheet
90Kb / 11P
131,072 x 8 HIGH-SPEED CMOS EPROM
logo
Microchip Technology
27C128 MICROCHIP-27C128_04 Datasheet
146Kb / 10P
128K (16K x 8) CMOS EPROM
2004
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com