Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS57C45-45 Datasheet(PDF) 1 Page - STMicroelectronics

Part # WS57C45-45
Description  HIGH-SPEED 2K x 8 REGISTERED CMOS PROM/RPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WS57C45-45 Datasheet(HTML) 1 Page - STMicroelectronics

  WS57C45-45 Datasheet HTML 1Page - STMicroelectronics WS57C45-45 Datasheet HTML 2Page - STMicroelectronics WS57C45-45 Datasheet HTML 3Page - STMicroelectronics WS57C45-45 Datasheet HTML 4Page - STMicroelectronics WS57C45-45 Datasheet HTML 5Page - STMicroelectronics WS57C45-45 Datasheet HTML 6Page - STMicroelectronics WS57C45-45 Datasheet HTML 7Page - STMicroelectronics WS57C45-45 Datasheet HTML 8Page - STMicroelectronics WS57C45-45 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HIGH-SPEED 2K x 8 REGISTERED CMOS PROM/RPROM
KEY FEATURES
• Ultra-Fast Access Time
• DESC SMD Nos. 5962-88735/5962-87529
— 25 ns Setup
• Pin Compatible with AM27S45 and
— 12 ns Clock to Output
CY7C245
• Low Power Consumption
• Immune to Latch-UP
• Fast Programming
— Up to 200 mA
• Programmable Synchronous or
• ESD Protection Exceeds 2000 V
Asynchronous Output Enable
• Programmable Asynchronous Initialize
Register
GENERAL DESCRIPTION
The WS57C45 is an extremely High Performance 16K UV Erasable Registered CMOS RPROM. It is a direct
drop-in replacement for such devices as the AM27S45 and CY7C245.
To meet the requirements of systems which execute and fetch instructions simultaneously, an 8-bit parallel data
register has been provided at the output which allows RPROM data to be stored while other data is being
addressed.
An asynchronous initialization feature has been provided which enables a user programmable 2049th word to be
placed on the outputs independent of the system clock. This feature can be used to force an initialize word or
provide a preset or clear function.
A further advantage of the WS57C45 over Bipolar PROM devices is the fact that it utilizes a proven EPROM
technology. This enables the entire memory array to be tested for switching characteristics and functionality after
assembly. Unlike devices which cannot be erased, every WS57C45 RPROM in a windowed package is 100%
tested with worst case test patterns both before and after assembly.
WS57C45
2-21
VCC
A8
A9
A10
INIT/VPP
OE/OES
CP/PGM
O7
O6
O5
O4
O3
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
GND
A10
INIT/VPP
OE/OES
CP/PGM
NC
O7
O6
A5 A6 A7
VCC A8 A9
NC
A4
A3
A2
A1
A0
NC
O0
O1 O2
NC O3 O4 O5
GND
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
1
43
2
28 27 26
25
24
23
22
21
20
19
5
6
7
8
9
10
11
12 13 14 15 16 17 18
TOP VIEW
PIN CONFIGURATION
PRODUCT SELECTION GUIDE
PARAMETER
WS57C45-25
WS57C45-35
WS57C45-45
Set Up Time (Max)
25 ns
35 ns
45 ns
Clock to Output (Max)
12 ns
15 ns
25 ns
Chip Carrier
CERDIP/Plastic DIP/
Flatpack
Return to Main Menu


Similar Part No. - WS57C45-45

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WS57C45-45 STMICROELECTRONICS-WS57C45-45 Datasheet
16Kb / 2P
MILITARY 2K x 8 REGISTERED CMOS PROM/RPROM
WS57C45-45KMB STMICROELECTRONICS-WS57C45-45KMB Datasheet
16Kb / 2P
MILITARY 2K x 8 REGISTERED CMOS PROM/RPROM
WS57C45-45TMB STMICROELECTRONICS-WS57C45-45TMB Datasheet
16Kb / 2P
MILITARY 2K x 8 REGISTERED CMOS PROM/RPROM
More results

Similar Description - WS57C45-45

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WS57C191C-1 STMICROELECTRONICS-WS57C191C-1 Datasheet
17Kb / 2P
MILITARY HIGH SPEED 2K x 8 CMOS PROM/RPROM
WS57C191C STMICROELECTRONICS-WS57C191C Datasheet
54Kb / 7P
HIGH SPEED 2K x 8 CMOS PROM/RPROM
WS57C43C STMICROELECTRONICS-WS57C43C Datasheet
53Kb / 7P
HIGH SPEED 4K x 8 CMOS PROM/RPROM
WS57C45-1 STMICROELECTRONICS-WS57C45-1 Datasheet
16Kb / 2P
MILITARY 2K x 8 REGISTERED CMOS PROM/RPROM
WS57C49C-1 STMICROELECTRONICS-WS57C49C-1 Datasheet
19Kb / 2P
MILITARY HIGH SPEED 8K x 8 CMOS PROM/RPROM
WS57C49C STMICROELECTRONICS-WS57C49C Datasheet
52Kb / 7P
HIGH SPEED 8K x 8 CMOS PROM/RPROM
WS57C51C-1 STMICROELECTRONICS-WS57C51C-1 Datasheet
19Kb / 2P
MILITARY HIGH SPEED 16K x 8 CMOS PROM/RPROM
WS57C51C STMICROELECTRONICS-WS57C51C Datasheet
53Kb / 7P
HIGH SPEED 16K x 8 CMOS PROM/RPROM
WS57C71C STMICROELECTRONICS-WS57C71C Datasheet
54Kb / 7P
HIGH SPEED 32K x 8 CMOS PROM/RPROM
WS57LV291C STMICROELECTRONICS-WS57LV291C Datasheet
47Kb / 6P
HIGH SPEED 3.3 VOLT 2K x 8 CMOS PROM/RPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com