Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS57C51C Datasheet(PDF) 1 Page - STMicroelectronics

Part # WS57C51C
Description  MILITARY HIGH SPEED 16K x 8 CMOS PROM/RPROM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WS57C51C Datasheet(HTML) 1 Page - STMicroelectronics

  WS57C51C Datasheet HTML 1Page - STMicroelectronics WS57C51C Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT SELECTION GUIDE
PARAMETER
WS57C51C-45
WS57C51C-55
WS57C51C-70
Address Access Time (Max)
45 ns
55 ns
70 ns
CS to Output Valid Time (Max)
20 ns
25 ns
30 ns
WS57C51C
VCC
A10
A11
A12
A13
CS1/VPP
CS2
CS3
CS4
O7
O6
O5
O4
O3
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
A12
A13
CS1/VPP
CS2
CS3
CS4
NC
O7
O6
A5
A4
A3
A2
A1
A0
NC
O0
O1
O2 NC
O3 NC O4 O5
1
43
2
32 31 30
29
28
27
26
25
24
23
22
21
5
6
7
8
9
10
11
12
13
14 15 16 17 18 19 20
TOP VIEW
Chip Carrier
CERDIP
PIN CONFIGURATION
4-11
MILITARY HIGH SPEED 16K x 8 CMOS PROM/RPROM
KEY FEATURES
Ultra-Fast Access Time
Pin Compatible with Am27S51
45 ns
and N82HS1281
Low Power Consumption
Immune to Latch-Up
Fast Programming
Up to 200 mA
ESD Protection Exceeds 2000 V
GENERAL DESCRIPTION
The WS57C51C is a High Performance 128K UV Erasable Electrically Re-Programmable Read Only Memory
(RPROM). It is manufactured in an advanced CMOS technology which enables it to operate at Bipolar PROM
speeds while consuming only 25% of the power required by its Bipolar counterparts. A further advantage of the
WS57C51C over Bipolar PROM devices is the fact that it utilizes a proven EPROM technology. This enables the
entire memory array to be tested for switching characteristics and functionality after assembly. Unlike devices which
cannot be erased, every WS5751C in a windowed package is 100% tested with worst case test patterns both
before and after assembly.
The WS57C51C provides a low power alternative to those designs which are committed to a Bipolar PROM
footprint. It is a direct drop-in replacement for a Bipolar PROM of the same architecture (16K x 8). No software,
hardware or layout changes need be performed.
PINS
CS1/
CS2
CS3
CS4
VCC OUTPUTS
MODE
VPP
Read
VIL
VIL
VIH
VIL
VCC
DOUT
Output
Disable
VIH
XXX
VCC
High Z
Output
XVIH
XX
VCC
High Z
Disable
Output
XX
VIL
XVCC
High Z
Disable
Output
XXX
VIH
VCC
High Z
Disable
Program
VPP
VIH
XX
VCC
DIN
Program
Verify
VIL
VIL
VIH
VIL
VCC
DOUT
MODE SELECTION
Return to Main Menu


Similar Part No. - WS57C51C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WS57C51C STMICROELECTRONICS-WS57C51C Datasheet
53Kb / 7P
HIGH SPEED 16K x 8 CMOS PROM/RPROM
WS57C51C-35D STMICROELECTRONICS-WS57C51C-35D Datasheet
53Kb / 7P
HIGH SPEED 16K x 8 CMOS PROM/RPROM
WS57C51C-35T STMICROELECTRONICS-WS57C51C-35T Datasheet
53Kb / 7P
HIGH SPEED 16K x 8 CMOS PROM/RPROM
WS57C51C-35TI STMICROELECTRONICS-WS57C51C-35TI Datasheet
53Kb / 7P
HIGH SPEED 16K x 8 CMOS PROM/RPROM
WS57C51C-45CMB STMICROELECTRONICS-WS57C51C-45CMB Datasheet
53Kb / 7P
HIGH SPEED 16K x 8 CMOS PROM/RPROM
More results

Similar Description - WS57C51C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WS57C191C-1 STMICROELECTRONICS-WS57C191C-1 Datasheet
17Kb / 2P
MILITARY HIGH SPEED 2K x 8 CMOS PROM/RPROM
WS57C191C STMICROELECTRONICS-WS57C191C Datasheet
54Kb / 7P
HIGH SPEED 2K x 8 CMOS PROM/RPROM
WS57C43C-1 STMICROELECTRONICS-WS57C43C-1 Datasheet
19Kb / 2P
MILITARY HIGH SPED 4K x 8 CMOS PROM/RPROM
WS57C43C STMICROELECTRONICS-WS57C43C Datasheet
53Kb / 7P
HIGH SPEED 4K x 8 CMOS PROM/RPROM
WS57C45-1 STMICROELECTRONICS-WS57C45-1 Datasheet
16Kb / 2P
MILITARY 2K x 8 REGISTERED CMOS PROM/RPROM
WS57C49C-1 STMICROELECTRONICS-WS57C49C-1 Datasheet
19Kb / 2P
MILITARY HIGH SPEED 8K x 8 CMOS PROM/RPROM
WS57C49C STMICROELECTRONICS-WS57C49C Datasheet
52Kb / 7P
HIGH SPEED 8K x 8 CMOS PROM/RPROM
WS57C51C STMICROELECTRONICS-WS57C51C Datasheet
53Kb / 7P
HIGH SPEED 16K x 8 CMOS PROM/RPROM
WS57C71C-1 STMICROELECTRONICS-WS57C71C-1 Datasheet
19Kb / 2P
MILITARY HIGH SPEED 32K x 8 CMOS PROM/RPROM
WS57C71C STMICROELECTRONICS-WS57C71C Datasheet
54Kb / 7P
HIGH SPEED 32K x 8 CMOS PROM/RPROM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com