Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

57C49C-45 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 57C49C-45
Description  HIGH SPEED 8K x 8 CMOS PROM/RPROM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

57C49C-45 Datasheet(HTML) 3 Page - STMicroelectronics

  57C49C-45 Datasheet HTML 1Page - STMicroelectronics 57C49C-45 Datasheet HTML 2Page - STMicroelectronics 57C49C-45 Datasheet HTML 3Page - STMicroelectronics 57C49C-45 Datasheet HTML 4Page - STMicroelectronics 57C49C-45 Datasheet HTML 5Page - STMicroelectronics 57C49C-45 Datasheet HTML 6Page - STMicroelectronics 57C49C-45 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
WS57C49C
2-41
AC READ CHARACTERISTICS Over Operating Range. (See Above)
PARAMETER
SYMBOL
57C49C-25 57C49C-35 57C49C-45 57C49C-55 57C49C-70
UNITS
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
Address to Output Delay
tACC
25
35
45
55
70
CS1 to Output Delay
tCS
12
20
25
25
25
ns
Output Disable to
Output Float
*
tDF
12
25
25
25
25
Address to Output Hold
tOH
00
0
0
0
*Sampled, Not 100% Tested.
AC READ TIMING DIAGRAM
VALID
ADDRESSES
OUTPUTS
tACC
tOH
tCS
tDF
VALID
CS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com