Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS57C45-35KMB Datasheet(PDF) 8 Page - STMicroelectronics

Part # WS57C45-35KMB
Description  HIGH-SPEED 2K x 8 REGISTERED CMOS PROM/RPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WS57C45-35KMB Datasheet(HTML) 8 Page - STMicroelectronics

  WS57C45-35KMB Datasheet HTML 1Page - STMicroelectronics WS57C45-35KMB Datasheet HTML 2Page - STMicroelectronics WS57C45-35KMB Datasheet HTML 3Page - STMicroelectronics WS57C45-35KMB Datasheet HTML 4Page - STMicroelectronics WS57C45-35KMB Datasheet HTML 5Page - STMicroelectronics WS57C45-35KMB Datasheet HTML 6Page - STMicroelectronics WS57C45-35KMB Datasheet HTML 7Page - STMicroelectronics WS57C45-35KMB Datasheet HTML 8Page - STMicroelectronics WS57C45-35KMB Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
WS57C45
2-28
SYMBOLS
PARAMETER
MIN
MAX
UNITS
ILI
Input Leakage Current
–10
10
µA
(VIN = VCC or Gnd)
IPP
VPP Supply Current During
60
mA
Programming Pulse
ICC
VCC Supply Current
25
mA
VIL
Input Low Voltage
–0.1
0.8
V
VIH
Input High Voltage
2.0
VCC + 0.3
V
VOL
Output Low Voltage During Verify
0.45
V
(IOL = 16 mA)
VOH
Output High Voltage During Verify
2.4
V
(IOH = –4 mA)
SYMBOLS
PARAMETER
MIN
MAX
UNITS
tPW
Programming Pulse Width
0.1
10
ms
tAS
Address Setup Time
1.0
µs
tDS
Data Setup Time
1.0
µs
tAH
Address Hold Time
1.0
µs
tDH
Data Hold Time
1.0
µs
tR, tF
VPP Rise and Fall Time
1.0
µs
tVD
Delay to VFY
1.0
µs
tVP
VFY Pulse Width
2.0
µs
tDV
VFY Data Valid
1.0
µs
tDZ
VFY HIGH to High Z
1.0
µs
NOTE: 8. VPP must not be greater than 14 volts including overshoot.
AC CHARACTERISTICS (T
A = 25 ± 5°C, VCC = 5.6 V ± 0.25 V, VPP = 13.5 ± 0.5 V)
PROGRAMMING INFORMATION
DC CHARACTERISTICS (T
A = 25 ± 5°C, VCC = 5.6 V ± 0.25 V, VPP = 13.5 ± 0.5 V)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com