Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS57C45-35S Datasheet(PDF) 3 Page - STMicroelectronics

Part # WS57C45-35S
Description  HIGH-SPEED 2K x 8 REGISTERED CMOS PROM/RPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WS57C45-35S Datasheet(HTML) 3 Page - STMicroelectronics

  WS57C45-35S Datasheet HTML 1Page - STMicroelectronics WS57C45-35S Datasheet HTML 2Page - STMicroelectronics WS57C45-35S Datasheet HTML 3Page - STMicroelectronics WS57C45-35S Datasheet HTML 4Page - STMicroelectronics WS57C45-35S Datasheet HTML 5Page - STMicroelectronics WS57C45-35S Datasheet HTML 6Page - STMicroelectronics WS57C45-35S Datasheet HTML 7Page - STMicroelectronics WS57C45-35S Datasheet HTML 8Page - STMicroelectronics WS57C45-35S Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2-23
WS57C45
A10
OE/OES
O7
O6
O5
O4
O3
O2
O1
O0
INIT
ROW
DECODER
1 OF 64
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
CP
64 X 256
PROGRAMMABLE
ARRAY
8 X 1 OF 32
MULTIPLEXER
8-BIT
EDGE-
TRIGGERED
REGISTER
PROGRAMMABLE
MULTIPLEXER
COLUMN
DECODER
1 OF 32
D
C
Q
CP
OES
O0-O7
A0-A10
tHA
tPWC
tPWC
tPWI
tPWC
tPWC
tPWC
tPWC
tSOE
S
tSOE
S
tSOE
S
tHOE
S
tHOE
S
tHOE
S
tHA
tSA
tCO
tDI
tRI
tHZC
tLZC
tCO
tHZOE
tLZOE
INIT
OE
CP
30 pF
(INCLUDING SCOPE
AND JIG
CAPACITANCE)
98
Ω
2.01 V
D.U.T.
3.0
0.0
1.5
1.5
TEST
POINTS
TEST LOAD (High Impedance Test Systems)
A.C. TESTING INPUT/OUTPUT WAVEFORM
AC READ TIMING DIAGRAM
BLOCK DIAGRAM
A.C. testing inputs are driven at 3.0 V for a logic “1” and 0.0 V
for a logic “0.” Timing measurements are made at 1.5 V for
input and output transitions in both directions.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com