Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS57C71C Datasheet(PDF) 1 Page - STMicroelectronics

Part # WS57C71C
Description  MILITARY HIGH SPEED 32K x 8 CMOS PROM/RPROM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WS57C71C Datasheet(HTML) 1 Page - STMicroelectronics

  WS57C71C Datasheet HTML 1Page - STMicroelectronics WS57C71C Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT SELECTION GUIDE
PARAMETER
WS57C71C-45
WS57C71C-55
WS57C71C-70
Address Access Time (Max)
45 ns
55 ns
70 ns
CS to Output Valid Time (Max)
20 ns
20 ns
30 ns
WS57C71C
4-13
MILITARY HIGH SPEED 32K x 8 CMOS PROM/RPROM
KEY FEATURES
Ultra-Fast Access Time
Immune to Latch-UP
— 45 ns
— Up to 200 mA
Low Power Consumption
ESD Protection Exceeds 2000V
Fast Programming
Available in 300 and 600 Mil DIP
and CLLCC
GENERAL DESCRIPTION
The WS57C71C is a High Performance 256K UV Erasable Electrically Re-Programmable Read Only Memory
(RPROM). It is manufactured in an advanced CMOS technology and utilizes WSI's patented self-aligned split gate
EPROM cell.
The industry standard PROM pin configuration of the WS57C71C provides an easy upgrade path from a 16K x 8
device.
This RPROM is capable of operating at speeds as fast as 35 ns address access time, which enables it to be used
directly with today's fast microprocessors and DSP processors without introducing any wait states. All inputs and
outputs are TTL compatible. The WS57C71C is a low power device even when operated at its fastest speed. The
DIP version is packaged in a 300 mil wide DIP package saving board space for the user.
MODE
PINS
CS1/
CS2
CS3
VCC
OUTPUTS
VPP
Read
VIL
VIH
VIL
VCC
DOUT
Output
Disable
VIH
XX
VCC
High Z
Output
XVIL
XVCC
High Z
Disable
Output
XX
VIH
VCC
High Z
Disable
Program
VPP
XVIH
VCC
DIN
Program
Verify
VIL
VIH
VIL
VCC
DOUT
Program
Inhibit
VPP
XVIL
VCC
HIGH Z
VCC
A10
A11
A12
A13
A14
CS3
CS2
CS1/VPP
O7
O6
O5
O4
O3
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
A12
A13
A14
NC
CS3
CS2
CS1/VPP
O7
O6
A6
A5
A4
A3
A2
A1
A0
NC
O0
O1 O2
NC O3 O4 O5
1
43
2
32 31 30
29
28
27
26
25
24
23
22
21
5
6
7
8
9
10
11
12
13
14 15 16 17 18 19 20
TOP VIEW
Chip Carrier
CERDIP
MODE SELECTION
PIN CONFIGURATION
Return to Main Menu


Similar Part No. - WS57C71C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WS57C71C STMICROELECTRONICS-WS57C71C Datasheet
54Kb / 7P
HIGH SPEED 32K x 8 CMOS PROM/RPROM
WS57C71C-35 STMICROELECTRONICS-WS57C71C-35 Datasheet
54Kb / 7P
HIGH SPEED 32K x 8 CMOS PROM/RPROM
WS57C71C-35J STMICROELECTRONICS-WS57C71C-35J Datasheet
54Kb / 7P
HIGH SPEED 32K x 8 CMOS PROM/RPROM
WS57C71C-35L STMICROELECTRONICS-WS57C71C-35L Datasheet
54Kb / 7P
HIGH SPEED 32K x 8 CMOS PROM/RPROM
WS57C71C-35T STMICROELECTRONICS-WS57C71C-35T Datasheet
54Kb / 7P
HIGH SPEED 32K x 8 CMOS PROM/RPROM
More results

Similar Description - WS57C71C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WS57C191C-1 STMICROELECTRONICS-WS57C191C-1 Datasheet
17Kb / 2P
MILITARY HIGH SPEED 2K x 8 CMOS PROM/RPROM
WS57C191C STMICROELECTRONICS-WS57C191C Datasheet
54Kb / 7P
HIGH SPEED 2K x 8 CMOS PROM/RPROM
WS57C43C-1 STMICROELECTRONICS-WS57C43C-1 Datasheet
19Kb / 2P
MILITARY HIGH SPED 4K x 8 CMOS PROM/RPROM
WS57C43C STMICROELECTRONICS-WS57C43C Datasheet
53Kb / 7P
HIGH SPEED 4K x 8 CMOS PROM/RPROM
WS57C45-1 STMICROELECTRONICS-WS57C45-1 Datasheet
16Kb / 2P
MILITARY 2K x 8 REGISTERED CMOS PROM/RPROM
WS57C49C-1 STMICROELECTRONICS-WS57C49C-1 Datasheet
19Kb / 2P
MILITARY HIGH SPEED 8K x 8 CMOS PROM/RPROM
WS57C49C STMICROELECTRONICS-WS57C49C Datasheet
52Kb / 7P
HIGH SPEED 8K x 8 CMOS PROM/RPROM
WS57C51C-1 STMICROELECTRONICS-WS57C51C-1 Datasheet
19Kb / 2P
MILITARY HIGH SPEED 16K x 8 CMOS PROM/RPROM
WS57C51C STMICROELECTRONICS-WS57C51C Datasheet
53Kb / 7P
HIGH SPEED 16K x 8 CMOS PROM/RPROM
WS57C71C STMICROELECTRONICS-WS57C71C Datasheet
54Kb / 7P
HIGH SPEED 32K x 8 CMOS PROM/RPROM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com