Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS57C45-35TMB Datasheet(PDF) 9 Page - STMicroelectronics

Part # WS57C45-35TMB
Description  HIGH-SPEED 2K x 8 REGISTERED CMOS PROM/RPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WS57C45-35TMB Datasheet(HTML) 9 Page - STMicroelectronics

  WS57C45-35TMB Datasheet HTML 1Page - STMicroelectronics WS57C45-35TMB Datasheet HTML 2Page - STMicroelectronics WS57C45-35TMB Datasheet HTML 3Page - STMicroelectronics WS57C45-35TMB Datasheet HTML 4Page - STMicroelectronics WS57C45-35TMB Datasheet HTML 5Page - STMicroelectronics WS57C45-35TMB Datasheet HTML 6Page - STMicroelectronics WS57C45-35TMB Datasheet HTML 7Page - STMicroelectronics WS57C45-35TMB Datasheet HTML 8Page - STMicroelectronics WS57C45-35TMB Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
ORDERING INFORMATION
SPEED
PACKAGE
PACKAGE
OPERATING
WSI
PART NUMBER
(ns)
TYPE
DRAWING
TEMPERATURE MANUFACTURING
RANGE
PROCEDURE
WS57C45-25T
25
24 Pin CERDIP, 0.3"
T1
Comm’l
Standard
WS57C45-35KMB
*
35
24 Pin CERDIP, 0.3"
K1
Military
MIL-STD-883C
WS57C45-35S
35
24 Pin Plastic DIP, 0.3"
S1
Comm’l
Standard
WS57C45-35T
35
24 Pin CERDIP, 0.3"
T1
Comm’l
Standard
WS57C45-35TMB
*
35
24 Pin CERDIP, 0.3"
T1
Military
MIL-STD-883C
WS57C45-45KMB
*
45
24 Pin CERDIP, 0.3"
K1
Military
MIL-STD-883C
WS57C45-45TMB
*
45
24 Pin CERDIP, 0.3"
T1
Military
MIL-STD-883C
2-29
PROGRAMMING/ALGORITHMS/ERASURE/PROGRAMMERS
REFER TO
PAGE 5-1
The WS57C45 is programmed using Algorithm A shown on page 5-3.
NOTE: The actual part marking will not include the initials "WS."
*SMD product. See section 4 for DESC SMD numbers.
WS57C45
Return to Main Menu



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com