Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X00602MA Datasheet(PDF) 1 Page - STMicroelectronics

Part # X00602MA
Description  0.8A SCRs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X00602MA Datasheet(HTML) 1 Page - STMicroelectronics

  X00602MA Datasheet HTML 1Page - STMicroelectronics X00602MA Datasheet HTML 2Page - STMicroelectronics X00602MA Datasheet HTML 3Page - STMicroelectronics X00602MA Datasheet HTML 4Page - STMicroelectronics X00602MA Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
®
X00602MA
SENSITIVE
0.8A SCRs
January 2002 - Ed: 5
MAIN FEATURES:
DESCRIPTION
Thanks to highly sensitive triggering levels, the
X006 SCR series is suitable for all applications
where the available gate current is limited, such as
ground
fault
circuit
interrupters,
overvoltage
crowbar
protection
in
low
power
supplies,
capacitive ignition circuits, ...
Symbol
Value
Unit
IT(RMS)
0.8
A
VDRM/VRRM
600
V
IGT
200
µA
ABSOLUTE RATINGS (limiting values)
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (180° conduction angle)
Tl = 85°C
0.8
A
IT(AV)
Average on-state current (180° conduction angle)
Tl = 85°C
0.5
A
ITSM
Non repetitive surge peak on-state
current
tp = 8.3 ms
Tj = 25°C
10
A
tp = 10 ms
9
I
²tI²t Value for fusing
tp = 10ms
Tj = 25°C
0.25
A2S
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr ≤ 100 ns
F = 60 Hz
Tj = 125°C
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125°C
1
A
PG(AV)
Average gate power dissipation
Tj = 125°C
0.1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 125
- 40 to + 125
°C
G
A
K
A
G
K
TO-92


Similar Part No. - X00602MA

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
X00602MA NJSEMI-X00602MA Datasheet
71Kb / 2P
0.8A SCRs
logo
Kersemi Electronic Co.,...
X00602MA KERSEMI-X00602MA Datasheet
401Kb / 5P
0.8A SCRs
logo
STMicroelectronics
X00602MA1AA2 STMICROELECTRONICS-X00602MA1AA2 Datasheet
108Kb / 9P
0.8 A sensitive gate SCRs
01-Apr-2008
logo
Kersemi Electronic Co.,...
X00602MA1AA2 KERSEMI-X00602MA1AA2 Datasheet
401Kb / 5P
0.8A SCRs
logo
STMicroelectronics
X00602MA2AL2 STMICROELECTRONICS-X00602MA2AL2 Datasheet
108Kb / 9P
0.8 A sensitive gate SCRs
01-Apr-2008
More results

Similar Description - X00602MA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P01 STMICROELECTRONICS-P01 Datasheet
177Kb / 6P
0.8A SCRs
Sep-2000
P0130AA STMICROELECTRONICS-P0130AA Datasheet
103Kb / 5P
0.8A SCRs
May-2002
logo
JIEJIE MICROELECTRONICS...
BT169 JIEJIE-BT169 Datasheet
394Kb / 4P
0.8A SENSITIVE SCRs
JX008 JIEJIE-JX008 Datasheet
390Kb / 4P
0.8A SENSITIVE SCRs
MCR100-8 JIEJIE-MCR100-8 Datasheet
386Kb / 4P
0.8A SENSITIVE SCRs
logo
New Jersey Semi-Conduct...
X00602MA NJSEMI-X00602MA Datasheet
71Kb / 2P
0.8A SCRs
logo
JIEJIE MICROELECTRONICS...
JX007 JIEJIE-JX007 Datasheet
242Kb / 4P
0.8A Sensitive SCRs
logo
Kersemi Electronic Co.,...
P0102DA KERSEMI-P0102DA Datasheet
487Kb / 6P
0.8A SCRs
P0130AA KERSEMI-P0130AA Datasheet
435Kb / 5P
0.8A SCRs
X00602MA KERSEMI-X00602MA Datasheet
401Kb / 5P
0.8A SCRs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com