Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASOF5S3E Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # ASOF5S3E
Description  SURFACE MOUNT STRATUM 3E HCMOS OCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

ASOF5S3E Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  ASOF5S3E Datasheet HTML 1Page - Connor-Winfield Corporation ASOF5S3E Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 851-5040.
PHONE (630) 851-4722.
PRODUCT
DA T A
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
1
2
Cx024
02
9/19/03
www.conwin.com
The Connor-Winfield
ASOF5S3E is a 5V Surface
Mount Oven Controlled
Crystal Oscillator (OCXO)
with an HCMOS output. The
ASOF5S3E is designed for
Stratum 3E applications
requiring low jitter and tight
frequency stability.
ASOF5S3E
- 10.00MHz
OCXO
SERIES
CENTER
FREQUENCY
FEATURES
DESCRIPTION
ORDERING INFORMATION
SURFACE MOUNT PACKAGE
FIXED FREQUENCY OCXO
DESIGNED TO MEET STRATUM 3E
REQUIREMENTS
FREQUENCY STABILITY ±10ppb
5.0V OPERATION
HCMOS OUTPUT
TAPE AND REEL PACKAGING
SURFACE MOUNT STRATUM 3E HCMOS OCXO
ASOF5S3E
Notes:
1) Labels will include the calibration frequency at the time of ship.
2) Initial calibration @ 25
°C
3) Overall Frequency Stability, 0° to 70°C
4) After ten days of continuous operation.
5) Allen Variance: 1 second, 100 average.
6) Frequency vs. change in supply voltage.
7) Frequency vs. change in load.
8) Vcc = 5.0Vdc.
9) From Vcc=90% of final value. No more than 16 transitions at start -up before oscillator
has started.
10) Measured @ 0
°C, within 5 minutes, referenced one hour after turn-on.
11) At time of delivery.
12) HCMOS load.
13) For a given off time, the time required to meet daily aging, short-term stability and TDEV
requirements.
ABSOLUTE MAXIMUM RATINGS
TABLE 1.0
PARAMETER
UNITS
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Storage Temperature
-40
-
85
°C
Supply Voltage
(Vcc)
-0.5
-
7
Vdc
OPERATING SPECIFICATIONS
TABLE 2.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Center Frequency
(Fo)
10
12.8
MHz
1
Frequency Calibration
-4
4
ppm
2
Frequency Stability
-10
-
10
ppb
3
Aging:
Daily
-1
-
1
ppb/day
4
Aging:
First Year
-30
-
30
ppb
Aging:
Short Term (1Sec.)
-
5.00E-11
-
RMS
5
Aging:
Long Term (20 Years)
-
-
300
ppb
Operating Temperature Range
0
-
70
°C
Supply Voltage
(Vcc)
4.75
5.00
5.25
Vdc
Frequency vs. Voltage Stability (+/ -1%)
-0.5
-
0.5
ppb
6
Frequency vs. Load Stability (+/-20%)
-0.5
-
0.5
ppb
7
Power Consumption:
Turn On
-
-
2.75
W
8
Power Consumption:
Steady-State
-
-
1. 50
W
8
Start-Up Time
500
mS
9
Warm Up
-100
-
100
ppb
10
2G Tip-over
-
5
-
ppb/G
TDEV at 300 seconds
-
-
5
nS
11
TDEV at 40 seconds
-
-
1
nS
11
HCMOS OUTPUT
CHARACTERISTICS
TABLE 3.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
LOAD
12
15
18
pF
12
Voltage
(High)
(Voh)
Vcc-0.2V
-
-
Vdc
(Low)
(Vol)
-
-
0.2
Vdc
Duty Cycle at 50% of Vcc
45
50
55
%
Rise / Fall Time 10% to 90%
-
-
5
nS
Spurious Output
-80
dBc
Sub-Harmonics
-
-
-25
dBc
SSB Phase Noise at 1Hz offset
-
-
-90
dBc/Hz
SSB Phase Noise at 10Hz offset
-
-
-115
dBc/Hz
SSB Phase Noise at 100Hz offset
-
-
-130
dBc/Hz
SSB Phase Noise at 1KHz offset
-
-
-135
dBc/Hz
SSB Phase Noise at 10KHz offset
-
-
-140
dBc/Hz
RESTABILIZATION TIME
TABLE 4.0
Off Time
Restabilization Time
NOTE
< 1 Hour
< 2 Hours
13
< 6 Hours
< 12 Hours
13
< 24 Hours
< 48 Hours
13
1 to 16 Days
48 Hours + ¼ Off Time
13
> 16 Days
< 6 Days
13
PACKAGE
CHARACTERISTICS
TABLE 5.0
Package
Non-hermetic package consisting of an FR4 substrate with grounded metal
cover.
ENVIRONMNETAL
CHARACTERISTICS
TABLE 6.0
Shock
100G’s, 6mS, halfsine per MIL -STD-202F, Method 213B, Test Condition C
Vibration
0.06” D.A. or 10G peak 10 to 500 Hz, per MIL-STD-202F, Method 204D,
Test condition A
PROCESS
RECOMMENDATIONS
TABLE 7.0
Solder Reflow
The component solder used internal to this device has a melting point of
221
°C. The peak temperature inside the device should be less than or equal
to 220
°C for a maximum of 10 seconds
Wash
Ultrasonic cleaning is not recommended.


Similar Part No. - ASOF5S3E

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
ASOF5S3 CONNOR-WINFIELD-ASOF5S3 Datasheet
165Kb / 2P
SURFACE MOUNT 5.0V HCMOS STRATUM 3 OCXO
ASOF5S3-12.80 CONNOR-WINFIELD-ASOF5S3-12.80 Datasheet
165Kb / 2P
SURFACE MOUNT 5.0V HCMOS STRATUM 3 OCXO
More results

Similar Description - ASOF5S3E

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HCD332 GOLLEDGE-HCD332 Datasheet
61Kb / 1P
5V OCXO HCMOS OUTPUT STRATUM 3E
logo
Connor-Winfield Corpora...
ABOF5S3E CONNOR-WINFIELD-ABOF5S3E Datasheet
188Kb / 2P
STRATUM 3E HCMOS OCXO
ACOF5S3E CONNOR-WINFIELD-ACOF5S3E Datasheet
184Kb / 2P
STRATUM 3E HCMOS OCXO
ASOF5S3 CONNOR-WINFIELD-ASOF5S3 Datasheet
165Kb / 2P
SURFACE MOUNT 5.0V HCMOS STRATUM 3 OCXO
AIOF5S3E CONNOR-WINFIELD-AIOF5S3E Datasheet
173Kb / 2P
STRATUM 3E 5V HCMOS OCXO
ASOV5S3E CONNOR-WINFIELD-ASOV5S3E Datasheet
192Kb / 2P
SURFACE MOUNT STRATUM 3E HCMOS VCOCXO
BSOF3S3E CONNOR-WINFIELD-BSOF3S3E Datasheet
203Kb / 2P
SURFACE MOUNT 3.3V STRATUM 3E HCMOS OCXO
OFC5EF1AB CONNOR-WINFIELD-OFC5EF1AB Datasheet
133Kb / 2P
5.0V HCMOS STRATUM 3E OCXO
OFC5EF3AB CONNOR-WINFIELD-OFC5EF3AB Datasheet
133Kb / 2P
STRATUM 3E HCMOS OCXO
OFC5EF3ABG5 CONNOR-WINFIELD-OFC5EF3ABG5 Datasheet
181Kb / 2P
STRATUM 3E 5V HCMOS OCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com