Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z0607MA Datasheet(PDF) 2 Page - STMicroelectronics

Part # Z0607MA
Description  0.8A TRIAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0607MA Datasheet(HTML) 2 Page - STMicroelectronics

  Z0607MA Datasheet HTML 1Page - STMicroelectronics Z0607MA Datasheet HTML 2Page - STMicroelectronics Z0607MA Datasheet HTML 3Page - STMicroelectronics Z0607MA Datasheet HTML 4Page - STMicroelectronics Z0607MA Datasheet HTML 5Page - STMicroelectronics Z0607MA Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Z00607MA
2/6
Tables 4: Electrical Characteristics (Tj = 25°C, unless otherwise specified)
Table 5: Static Characteristics
Table 6: Thermal resistances
Symbol
Test Conditions
Quadrant
Value
Unit
IGT (1)
VD = 12 V RL = 30 Ω
I - II - III
MAX.
5
mA
IV
7
VGT
ALL
MAX.
1.3
V
VGD
VD = VDRM RL = 3.3 kΩ Tj = 110°C
ALL
MIN.
0.2
V
IH (2)
IT = 200 mA
MAX.
5
mA
IL
IG = 1.2 IGT
I - III - IV
MAX.
10
mA
II
20
dV/dt (2)
VD = 67 %VDRM gate open Tj = 110°C
MIN.
10
V/µs
(dI/dt)c (2) (dV/dt)c = 0.35 A/ms
Tj = 110°C
MIN.
1.5
A/ms
Symbol
Test Conditions
Value
Unit
VTM (2)
ITM = 1.1 A
tp = 380 µs
Tj = 25°C
MAX.
1.5
V
Vto (2)
Threshold voltage
Tj = 110°C
MAX.
0.95
V
Rd (2)
Dynamic resistance
Tj = 110°C
MAX.
420
m
Ω
IDRM
IRRM
VDRM = VRRM = 600 V
Tj = 25°C
MAX.
5µA
Tj = 110°C
0.1
mA
Note 1: minimum IGT is guaranted at 5% of IGT max.
Note 2: for both polarities of A2 referenced to A1.
Symbol
Parameter
Value
Unit
Rth(j-I)
Junction to lead (A.C.)
60
°C/W
Rth(j-a)
Junction to ambient
150
°C/W
Figure 1: Maximum power dissipation versus
RMS on-state current (full cycle)
Figure 2: RMS on-state current versus ambient
temperature (full cycle)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
P(W)
I(A)
T(RMS)
0
10203040
506070
8090
100
110
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
I(A)
T(RMS)
R
= 150°C/W
th(j-a)
R=
th(j-a)
Rth(j-l)
T
(°C)
amb



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com