Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF730 Datasheet(PDF) 3 Page - Suntac Electronic Corp.

Part # IRF730
Description  POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAC [Suntac Electronic Corp.]
Direct Link  
Logo SUNTAC - Suntac Electronic Corp.

IRF730 Datasheet(HTML) 3 Page - Suntac Electronic Corp.

  IRF730 Datasheet HTML 1Page - Suntac Electronic Corp. IRF730 Datasheet HTML 2Page - Suntac Electronic Corp. IRF730 Datasheet HTML 3Page - Suntac Electronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
IRF730
POWER MOSFET
SmartStar Technology, Inc.
2
Figure 1. Id versus Vds Curve
Figure 2. Rdon versus Tj Curve
Figure 3. Vgs versus Qg Curve
Figure 4. Capacitor versus Vds Curve
0
2
4
6
8
10
12
0.00
10.00
20.00
30.00
Total Gate Charge, Qg (nC)
Vds = 320 V
Id = 5.5 A
1
10
100
1000
10000
1.0
10.0
100.0
1000.0
Drain-to-Source Voltage , Vds (V)
Tc = 25 C
f = 1 MHz
Vgs = 0 V
Ciss =Cgd+Cgs
Cos s=Cds+Cgd
Cr ss=Cgd
0
2
4
6
8
10
12
0.1
1
10
Drain-to-Source Voltage, Vds (V)
Tc = 25 C
Pulsewidth =20us
Vgs = 10V (Top), 8V, 7V, 6V
5.5V, 5V, 4.5V (Bottom)
0
0.5
1
1.5
2
2.5
3
-60
-20
20
60
100
140
Junction Tem pe rature , Tj (C)
Vgs = 10 V
Id = 5.5 A
Figure 5. Transient thermal impedance Curve
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
Pulse Width (second)
Duty Cycle = 0.5 (Top), 0.2, 0.1, 0.05,
0.02, 0.01, Single Pulse (Bottom)
Page
3
TYPICAL ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com