| Electronic Components Datasheet Search |
|
TMS320DM335 Datasheet(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM335 Datasheet(HTML) 13 Page - Texas Instruments |
|
13 / 26 page ![]() HSYNCCycle WINW WINHC B1 B2 V WINSH PCLK HD Data HSYNCCycle PAXW PAXHC B1 B2 V IIRSH PCLK HD Data PAXSH www.ti.com Advisory 1.1.1 — H3A data may get corrupted Workaround(s) To workaround this problem, use any of the four workarounds described below. 1. Constrain the valid AEW/AF data area. The valid data in the internal line buffer will not become corrupt under certain constraints. In particular, the problem will not occur when you adhere to the follow constraints (see figures): • B1 + V < 4096 and • B2 <= 4096 – (B1+V) + B1 Where • B1 = Data area from HD rising edge to start of valid AEW/AF data. • V = Valid AEW/AF data area. This is the data area for AEW/AF calculations. This area is specified using registers in the H3A module. Note that the registers are different for AEW and for AF. For AEW, bits WINSH specify the horizontal start position of the AEW windows, bits WINW specify the horizontal width of the windows, and bits WINHC specify the total number of windows. The total number of pixels in the valid AEW data area is equal to V=WINW*WINHC. For AF, bits IIRSH specify the horizontal start position of the IIR filter, bits PAXSH specify the horizontal start position of the AF paxels, bits PAXW specify the horizontal width of the paxels, and bits PAXHC specify the total number of paxels. The total number of pixels in the valid AF data area is equal to V=[ (PAXSH - IIRSH) + PAXW*PAXHC]. See the VPFE PRG for complete bit descriptions. • B2 = Data area from end of valid AEW/AF data to next HD rising edge. 2. Use the imager’s movie readout mode. In the imager’s movie readout mode the problem does not occur, because the number of horizontal pixels and blacking are is less than 4096 pixels and the H3A module receives less than 4096 pixel clock cycles between consecutive HD rising edges. Note that the number of pixel clock cycles between consecutive HD rising edges that the H3A module receives is determined by the external or internal timing generator and also, if used, by the reformatter inside the CCDC. The reformatter is used when imagers have special readout patterns. For example, if the readout pattern contains two lines of actual image data per HSYNC, then the reformatter will convert the data from one to two lines, internally. The number of pixel clock cycles between consecutive HD rising edges that the H3A modules receives corresponds to the timing at the output of the reformatter. SPRZ287A – July 2008 – Revised October 2008 TMS320DM335 Digital Media System-on-Chip (DMSoC) 13 Silicon Revision 1.1 Submit Documentation Feedback |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |