Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM119H Datasheet(PDF) 3 Page - Linear Technology

Part # LM119H
Description  Dual Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM119H Datasheet(HTML) 3 Page - Linear Technology

  LM119H Datasheet HTML 1Page - Linear Technology LM119H Datasheet HTML 2Page - Linear Technology LM119H Datasheet HTML 3Page - Linear Technology LM119H Datasheet HTML 4Page - Linear Technology LM119H Datasheet HTML 5Page - Linear Technology LM119H Datasheet HTML 6Page - Linear Technology LM119H Datasheet HTML 7Page - Linear Technology LM119H Datasheet HTML 8Page - Linear Technology LM119H Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT119A/LT319A
LM119/LM319
119a319afb
LT119A
LM119
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VSAT
Saturation Voltage
VIN ≤ –5mV, IO = 25mA,
0.75
1.5
0.75
1.5
V
V+
≥ 4.5V, V– = 0V
VIN ≤ –6mA, ISINK ≤ 3.2mA
TA ≥ 0°C
0.23
0.4
0.23
0.4
V
TA ≤ 0°C
0.6
0.6
V
Output Leakage Current
VIN ≥ 5mV, VOUT to V– = 35V
0.2
2
0.2
2
µA
q
110
1
10
µA
Input Voltage Range
VS = ±15V
q
–12
±13
12
–12
±13
12
V
V+ = 5V, V– = 0V
q
13
1
3
V
Differential Input Voltage
q
±5
±5V
IS
Supply Current
V+ = 5V, V– = 0V
4.3
4.3
mA
Positive Supply Current
VS = ±15V
8
11.5
8
11.5
mA
Negative Supply Current
VS = ±15V
3
4.5
3
4.5
mA
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: For supply voltages less than
±15V, the maximum input voltage is
equal to the supply voltage.
Note 3: Unless otherwise noted, supply voltage equals
±15V and
VCM = 0V, TA = 25°C. The ground pin is grounded. Note that the maximum
voltage allowed between the ground pin and V+ is 18V. Do not tie the
ground pin to V– when the power supply voltage exceeds
±9V. The offset
voltage, offset current and bias current specifications apply for all supply
voltages between
±15V and 5V unless otherwise specified.
Note 4: The offset voltages and currents given are the maximum values
required to drive the output within 1V of either supply with a 1mA load,
thus these parameters define an error band and take into account the
worst case effects of voltage gain and input impedance.
Note 5: Response time specified is for a 100mV input step with 5mV
overdrive.
Note 6: Inputs are protected with back-to-back 5.6V zener diodes. This
limits maximum differential input voltage to
±5V if current is unlimited.
Larger differential input drive is allowed if input current is limited to
±5mA
with external resistance.
LT319A
LM319
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VS = ±15V, VCM = 0V
0.3
0.5
8
mV
RS ≤ 5k
0.5
1
2
8
mV
(Note 4)
q
210
mV
CMRR
Common Mode Rejection Ratio
90
106
dB
IOS
Input Offset Current
(Note 4)
30
40
80
200
nA
q
60
300
nA
IB
Input Bias Current
(Note 4)
150
500
250
1000
nA
q
1000
1200
nA
AV
Voltage Gain
20
40
8
40
V/mV
Response Time
(Note 5)
80
80
ns
VSAT
Saturation Voltage
VIN ≤ –10mV, ISINK = 25mA
0.75
1.5
0.75
1.5
V
V+
≥ 4.5V, V– = 0V,
q
0.3
0.4
0.3
0.4
V
VIN ≤ –10mV, ISINK ≤ 3.2mA
Output Leakage Current
VIN ≥ 10mV, VOUT to V– = 35V
0.2
10
0.2
10
µA
Input Voltage Range
VS = ±15V
q
±13
±13
V
V+ = 5V, V– = 0V
q
13
1
3
V
Differential Input Voltage
q
±5
±5V
IS
Supply Current
V+ = 5V, V– = 0V
4.3
4.3
mA
Positive Supply Current
VS = ±15V
8
12.5
8
12.5
mA
Negative Supply Current
VS = ±15V
35
35
mA
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)
ELECTRICAL CHARACTERISTICS
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. (Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com