Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM129AH Datasheet(PDF) 4 Page - Linear Technology

Part # LM129AH
Description  6.9V Precision Voltage Reference
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM129AH Datasheet(HTML) 4 Page - Linear Technology

  LM129AH Datasheet HTML 1Page - Linear Technology LM129AH Datasheet HTML 2Page - Linear Technology LM129AH Datasheet HTML 3Page - Linear Technology LM129AH Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LM129/LM329
4
0.016 – 0.021**
(0.406 – 0.533)
DIA
0.025
(0.635)
MAX
0.085 – 0.105
(2.159 – 2.667)
0.500
(12.700)
MIN
0.178 – 0.195
(4.521 – 4.953)
0.209 – 0.219
(5.309 – 5.537)
0.100
(2.540)
TYP
45
°
H02/03(TO-46) 1098
0.050
(1.270)
TYP
0.050
(1.270)
TYP
0.028 – 0.048
(0.711 – 1.219)
0.036 – 0.046
(0.914 – 1.168)
FOR 3-LEAD PACKAGE ONLY
REFERENCE
PLANE
*
LEAD DIAMETER IS UNCONTROLLED BETWEEN THE REFERENCE PLANE
AND 0.045" BELOW THE REFERENCE PLANE
FOR SOLDER DIP LEAD FINISH, LEAD DIAMETER IS
0.016 – 0.024
(0.406 – 0.610)
*
**
PIN 1
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 1985
129329fa LT/CP 0901 1.5K REV A • PRINTED IN USA
RELATED PARTS
PACKAGE DESCRIPTIO
PART NUMBER
DESCRIPTION
COMMENTS
LT1460
Micropower, Precise Series Reference
10ppm/
°C, Output Voltages: 2.5V, 3V, 3.3V, 5V, 10V
LT1634
0.05% Accurate, 10ppm/
°C, Shunt Reference
Output Voltages: 1.25V, 2.5V, 4.096V, 5V
TYPICAL APPLICATIO S
0.050
(1.27)
BSC
0.060
± 0.005
(1.524
± 0.127)
DIA
0.90
(2.286)
NOM
0.180
± 0.005
(4.572
± 0.127)
0.180
± 0.005
(4.572
± 0.127)
0.500
(12.70)
MIN
0.050
(1.270)
MAX
UNCONTROLLED
LEAD DIMENSION
0.016
± 0.003
(0.406
± 0.076)
5
°
NOM
0.015
± 0.002
(0.381
± 0.051)
0.060
± 0.010
(1.524
± 0.254)
10
° NOM
0.140
± 0.010
(3.556
± 0.127)
Z3 (TO-92) 0401
0.098 +016/–0.04
(2.5 +0.4/–0.1)
2 PLCS
TO-92 TAPE AND REEL
REFER TO TAPE AND REEL SECTION OF
LTC DATA BOOK FOR ADDITIONAL INFORMATION
H Package
2-Lead and 3-Lead TO-46 Metal Can
(Reference LTC DWG # 05-08-1340)
Z Package
3-Lead Plastic TO-92 (Similar to TO-226)
(Reference LTC DWG # 05-08-1410)
Common Reference
Buffered Reference
Using a Single Supply
LM329
6.9V
IMIN ≥ 0.6mA
RS
9V TO 40V
129/329 TA02
–
+
15V
10V
9k
7.5k
LM329
6.9V
LT1001
2
3
4
7
6
20k
1%
129/329 TA03
OBSOLETE PACKAGE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com