Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM199 Datasheet(PDF) 8 Page - Linear Technology

Part # LM199
Description  Precision Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM199 Datasheet(HTML) 8 Page - Linear Technology

  LM199 Datasheet HTML 1Page - Linear Technology LM199 Datasheet HTML 2Page - Linear Technology LM199 Datasheet HTML 3Page - Linear Technology LM199 Datasheet HTML 4Page - Linear Technology LM199 Datasheet HTML 5Page - Linear Technology LM199 Datasheet HTML 6Page - Linear Technology LM199 Datasheet HTML 7Page - Linear Technology LM199 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LM199/LM399
LM199A/LM399A
8
LM199399fb
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 1987
LT 1005 REV B • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
LT1021
Precision References for Series or Shunt Operation
Industry Standard Pinout, –40°C to 125°C
LT1389
1.25V, 2.5V, 4V and 5V Nanopower Shunt Reference
800nA, 0.05% Accuracy, 10ppm/°C Drift
LT1634
1.25 and 2.5V Micropower Shunt Reference
0.05%, 10ppm/°C, 10µA Current
LTZ1000
7V Ultra Precision, Stable Shunt Reference
0.05ppm/°C, 1.2mVP-P Noise
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com