Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM319J Datasheet(PDF) 2 Page - Linear Technology

Part # LM319J
Description  Dual Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM319J Datasheet(HTML) 2 Page - Linear Technology

  LM319J Datasheet HTML 1Page - Linear Technology LM319J Datasheet HTML 2Page - Linear Technology LM319J Datasheet HTML 3Page - Linear Technology LM319J Datasheet HTML 4Page - Linear Technology LM319J Datasheet HTML 5Page - Linear Technology LM319J Datasheet HTML 6Page - Linear Technology LM319J Datasheet HTML 7Page - Linear Technology LM319J Datasheet HTML 8Page - Linear Technology LM319J Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT119A/LT319A
LM119/LM319
119a319afb
Supply Voltage ........................................................ 36V
Output to Negative Supply Voltage .......................... 36V
Ground to Negative Supply Voltage ......................... 25V
Ground to Positive Supply Voltage .......................... 18V
Differential Input Voltage (Note 6) ...........................
±5V
Differential Input Current (Note 6) ........................
±5mA
Input Voltage (Note 2)
ABSOLUTE
AXI U
RATI GS
Output Short-Circuit Duration ................................... 10s
Operating Temperature Range
LT119A, LM119 OBSOLETE ........ –55
°C to 125°C
LT319A, LM319...................................... 0
°C to 70°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
TJMAX = 150°C, θJA = 150°C/ W, θJc = 45°C/ W
TOP VIEW
– INPUT 2
V+
V –
10
9
8
6
4
2
1
5
H PACKAGE
10-LEAD TO-5 METAL CAN
7
3
GND 2
OUTPUT 2
+INPUT 1
–INPUT 1
GND
OUTPUT 1
+INPUT 2
LT119AH
LM119H
LT319AH
LM319H
ORDER PART
NUMBER
PACKAGE/ORDER I FOR ATIO
(Note 1)
1
2
3
4
5
6
7
TOP VIEW
N PACKAGE
14-LEAD PLASTIC DIP
14
13
12
11
10
9
8
NC
NC
GND
+INPUT
– INPUT
V –
OUTPUT 2
NC
NC
OUTPUT 1
V +
– INPUT 2
+INPUT 2
GND 2
J PACKAGE 14-LEAD CERAMIC DIP
TJMAX = 150°C, θJA = 100°C/ W
LT319AN
LM319N
ORDER PART
NUMBER
TJMAX = 150°C, θJA = 100°C/ W
LT119AJ
LM119J
LT319AJ
LM319J
OBSOLETE PACKAGE
OBSOLETE PACKAGE
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ELECTRICAL CHARACTERISTICS
LT119A
LM119
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VS = ±15V, VCM = 0
0.3
0.5
4
mV
(Note 4)
0.5
1.0
0.7
4
mV
q
1.2
2.0
7
mV
CMRR
Common Mode Rejection Ratio
90
106
dB
IOS
Input Offset Current
(Note 4)
20
40
30
75
nA
q
75
100
nA
IB
Input Bias Current
(Note 4)
150
500
150
500
nA
q
1000
1000
nA
AV
Voltage Gain
20
40
10
40
V/mV
Response Time
(Note 5)
80
80
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com