Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1115CSW Datasheet(PDF) 13 Page - Linear Integrated Systems

Part # LT1115CSW
Description  Ultralow Noise, Low Distortion, Audio Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1115CSW Datasheet(HTML) 13 Page - Linear Integrated Systems

Back Button LT1115CSW Datasheet HTML 8Page - Linear Integrated Systems LT1115CSW Datasheet HTML 9Page - Linear Integrated Systems LT1115CSW Datasheet HTML 10Page - Linear Integrated Systems LT1115CSW Datasheet HTML 11Page - Linear Integrated Systems LT1115CSW Datasheet HTML 12Page - Linear Integrated Systems LT1115CSW Datasheet HTML 13Page - Linear Integrated Systems LT1115CSW Datasheet HTML 14Page - Linear Integrated Systems LT1115CSW Datasheet HTML 15Page - Linear Integrated Systems LT1115CSW Datasheet HTML 16Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1115
1115fa
Figure 5. High Performance Transformer Coupled Microphone Pre-Amp
Risetime of High Performance
Transformer Coupled Microphone
Pre-Amp (Figure 5)
Frequency Response
(Gain = 20dB) Balanced In/
Balanced Out (Figure 5)
THD + Noise vs Frequency
(Gain = 20dB) Balanced In/
Balanced Out (Figure 5)
FREQUENCY (Hz)
0.0005
0.010
0.001
0.1
1
20
100
1k
20k
VS = ±18V
VIN = 0.95VRMS
RL = 600Ω
RS = 150Ω
TA = 25°C
LT1115 • TA15
FREQUENCY (Hz)
– 1.000
– 2.000
– 3.000
– 4.000
– 5.000
1.0000
0.0
10
1k
10k
100k
100
VS = ±18V
VIN = 0.95VRMS
RL = 600Ω
RS = 150Ω
TA = 25°C
LT1115 • TA16
RISETIME OF PRE-AMP
AV = 20dB
VIN = 400mV
2kHz SQUARE WAVE MEASURED AT SINGLE-
ENDED OUTPUT BEFORE TRANSFORMER
–
+
LT1115
LT1010CT
LT1097
INPUT
CASE
JENSEN
JE-16-A/B
JENSEN
JE-11-BM
WHT
BLK
BRN
BRN
ORANGE
150Ω
MICROPHONE
RED
RED
YELLOW
YEL
6.19k
100Ω
100k
100k
100Ω
100pF
22Ω
49.9Ω
~ 250Ω
SELECT
FOR 2mA
2N4304**
2mA
3
2
7
6
4
1µF
35V
1µF
35V
1µF
35V
1µF
35V
1µF
35V
470µF
35V
470µF
35V
1µF
35V
18V
18V
–18V
–18V
1µF
1µF
1N4002
1N4002
V –
V+
IN
2.5k
REV. AUDIO
TAPER
BOOST
2.49k
OUT
10Ω
10Ω
10k
OPTIONAL
SINGLE-ENDED TO
BALANCED OUTPUT
TRANSFORMER
4.99Ω
3
2
7
6
4
RESISTORS 1% METAL FILM
CAPACITORS—BYPASS: LOW ESR
OTHER: HIGH QUALITY FILM
NOTE: USE SINGLE POINT GROUND
*
**
JENSEN NETWORK VALUES—FACTORY SELECTED.
JE-16-A/B & JE-11-BM AVAILABLE FROM:
JENSEN TRANSFORMERS
10735 BURBANK BLVD.
N. HOLLYWOOD, CA 91601
(213) 876-0059
OR USE 2mA CURRENT SOURCE
LT1115 • TA13
+
+
+
+
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com