Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1180ACSW Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # LT1180ACSW
Description  Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1180ACSW Datasheet(HTML) 2 Page - Linear Integrated Systems

  LT1180ACSW Datasheet HTML 1Page - Linear Integrated Systems LT1180ACSW Datasheet HTML 2Page - Linear Integrated Systems LT1180ACSW Datasheet HTML 3Page - Linear Integrated Systems LT1180ACSW Datasheet HTML 4Page - Linear Integrated Systems LT1180ACSW Datasheet HTML 5Page - Linear Integrated Systems LT1180ACSW Datasheet HTML 6Page - Linear Integrated Systems LT1180ACSW Datasheet HTML 7Page - Linear Integrated Systems LT1180ACSW Datasheet HTML 8Page - Linear Integrated Systems LT1180ACSW Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1180A/LT1181A
11801afb
A
G
A
U
A
R
BSOLUTEXI
TI
S
Supply Voltage (VCC) ................................................ 6V
V+ ........................................................................ 13.2V
V...................................................................... –13.2V
Input Voltage
Driver ........................................................... Vto V +
Receiver ............................................... – 30V to 30V
ON/OFF ................................................. – 0.3V to 12V
Output Voltage
Driver ...................................... V+ – 30V to V + 30V
Receiver .................................... – 0.3V to VCC + 0.3V
Short-Circuit Duration
V+ ................................................................... 30 sec
V................................................................... 30 sec
Driver Output .............................................. Indefinite
Receiver Output .......................................... Indefinite
Operating Temperature Range
LT1180AI/LT1181AI .......................... – 40
°C to 85°C
LT1180AC/LT1181AC ............................. 0
°C to 70°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
ORDER PART
NUMBER
ELECTRICAL C
C
HARA TERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply Generator
V + Output
7.9
V
V Output
– 7.0
V
Supply Current (VCC)
(Note 3), TA = 25°C9
13
mA
q
16
mA
Supply Current When OFF (VCC)
Shutdown (Note 4) LT1180A Only
q
110
µA
Supply Rise Time
C1 = C2 = C3 = C4 = 0.1
µF
0.2
ms
Shutdown to Turn-On
LT1180A Only
0.2
ms
ON/OFF Pin Thresholds
Input Low Level (Device Shutdown)
q
0.8
1.2
V
Input High Level (Device Enabled)
q
1.6
2.4
V
TJMAX = 125°C, θJA = 90°C/ W, θJC = 46°C/W (N)
TJMAX = 125°C, θJA = 95°C/ W, θJC = 27°C/W (SW)
LT1181ACN
LT1181ACSW
LT1181AIN
LT1181AISW
LT1181AMJ
LT1180ACN
LT1180ACSW
LT1180AIN
LT1180AISW
LT1180AMJ
TJMAX = 125°C, θJA = 80°C/ W, θJC = 36°C/W (N)
TJMAX = 125°C, θJA = 90°C/ W, θJC = 26°C/W (SW)
1
2
3
4
5
6
7
8
9
TOP VIEW
18
17
16
15
14
13
12
11
10
NC
C1+
V+
C1
C2+
C2
V
TR2 OUT
REC2 IN
N PACKAGE
18-LEAD PDIP
ON/OFF
VCC
GND
TR1 OUT
REC1 IN
REC1 OUT
TR1 IN
TR2 IN
REC2 OUT
SW PACKAGE
18-LEAD PLASTIC SO (WIDE)
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
C1+
V+
C1
C2+
C2
V
TR2 OUT
REC2 IN
VCC
GND
TR1 OUT
REC1 IN
REC1 OUT
TR1 IN
TR2 IN
REC2 OUT
N PACKAGE
16-LEAD PDIP
SW PACKAGE
16-LEAD PLASTIC SO (WIDE)
(Note 1)
Consult LTC Marketing for parts specified with wider operating temperature ranges.
J PACKAGE
18-LEAD CERDIP
TJMAX = 150°C, θJA = 100°C/W, θJC = 40°C/W (J)
OBSOLETE PACKAGE
Consider N Package for Alternate Source
The q denotes specifications which apply over the operating temperature
range (0
°C ≤ TA ≤ 70°C for commercial grade, and –40°C ≤ TA ≤ 85°C for industrial grade. (Note 2)
J PACKAGE
16-LEAD CERDIP
TJMAX = 150°C, θJA = 100°C/W, θJC = 40°C/W (J)
OBSOLETE PACKAGE
Consider N Package for Alternate Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com