Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OFB3JP2AB-012.8M Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part # OFB3JP2AB-012.8M
Description  3.3V SURFACE MOUNT LVCMOS STRATUM 3 OCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

OFB3JP2AB-012.8M Datasheet(HTML) 2 Page - Connor-Winfield Corporation

  OFB3JP2AB-012.8M Datasheet HTML 1Page - Connor-Winfield Corporation OFB3JP2AB-012.8M Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX
(630) 851-5040.
PHONE (630) 851-4722.
WWW.CONWIN.COM
PRODUCT
DA T A
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
2
2
Cx108
03
04/26/07
90%
50%
10%
ENVIRONMENTAL CHARACTERISTICS
Temperature Cycle: Per MIL-STD-883, Method 1010, Condition B. -55°C to 125°C, 300 cycles, 10 minute dwell, 1 minute
transition.
MECHANICAL CHARACTERISTICS
Vibration: Per MIL-STD-202, Method 204, Condition A. 10G’s peak, 10Hz to 500Hz, 15 minute cycles, 12 times each
perpendicular axis.
Shock: Per MIL-STD-202, Method 213, Condition F. 1500G’s, 1.0ms, half sine, 3 shocks per direction.
Moisture Resistance: Per MIL-STD-202, Method 106. 95% RH @ 65°C, 10 cycles 10°C to 65°C.
Solder Profile
Pin Connections
Package Drawing
Output Waveform
Suggested Pad Layout
Test Circuit
Temperatures are measured at the OCXO
1.010 MAX
(25.7mm)
.100
(2.5mm)
.880 MAX
(22.35mm)
.700
(17.8mm)
.350
(8.89mm)
R .030
(.75mm)
.100
(2.5mm)
1
2
3
4
5
6
7
.300
(7.62mm)
.110
(2.79mm)
.110
(2.79mm)
1.010
(25.65mm)
.110
(2.79mm)
.110
(2.79mm)
.350
(8.89mm)
.350
(8.89mm)
.810
(20.57mm)
.300
(7.62mm)
.200
(5.08mm)
.200
(5.08mm)
1
2
5
4
3
6
7
TABLE 6.0
Pin
Function
1
N/C
2
N/C
3
Vcc
4
Output
5
N/C
6
N/C
7
Ground (Case)
0.590 +/-.008
(15.0 +/-0.2mm)
1
2
3
4
5
6
7



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com