Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1055AMH Datasheet(PDF) 12 Page - Linear Technology

Part # LT1055AMH
Description  Precision, High Speed, JFET Input Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1055AMH Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1055AMH Datasheet HTML 8Page - Linear Technology LT1055AMH Datasheet HTML 9Page - Linear Technology LT1055AMH Datasheet HTML 10Page - Linear Technology LT1055AMH Datasheet HTML 11Page - Linear Technology LT1055AMH Datasheet HTML 12Page - Linear Technology LT1055AMH Datasheet HTML 13Page - Linear Technology LT1055AMH Datasheet HTML 14Page - Linear Technology LT1055AMH Datasheet HTML 15Page - Linear Technology LT1055AMH Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT1055/LT1056
10556fc
Fast, 16-Bit Current Comparator
–
+
–
+
2
15V
7
6
3
15V
LT1056
4.7k
50k*
INPUT
LT1009
2.5V
100k*
4
–15V
2
HP5082-2810
8
15V
3k
OUTPUT
1
7
4
–15V
LT1011
3
DELAY = 250ns
* = 1% FILM RESISTOR
LT1055/56 TA06
12-Bit Charge Balance A/D Converter
–
+
–
+
28k
33k
14k
74C00
0.003
µF
CLK OUTPUT (B)
10k
OUTPUT
(A)
D
P
CL
Q
Q
CLK
74C74
1N4148
0.01
2
15V
–15V
7
4
6
3
1N4148
1N4148
15V
10k
2N3904
249k*
0V TO 10V INPUT
COUPLE
THERMALLY
1N4148
6
33k
LM329
10k
15V
2
3
7
4
15V
–15V
LT1055/56 TA04
LT1055
LT1001
CIRCUIT OUTPUT
RATIO
fOUT (A)
fCLK (B)
Fast “No Trims” 12-Bit Multiplying CMOS DAC Amplifier
LT1055/56 TA05
RFEEDBACK
IOUT1
IOUT2
OUTPUT
REFERENCE
IN
TYPICAL 12-BIT
CMOS DAC
–
+
LT1055
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com