Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1072CK Datasheet(PDF) 5 Page - Linear Technology

Part # LT1072CK
Description  1.25A High Efficiency Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1072CK Datasheet(HTML) 5 Page - Linear Technology

  LT1072CK Datasheet HTML 1Page - Linear Technology LT1072CK Datasheet HTML 2Page - Linear Technology LT1072CK Datasheet HTML 3Page - Linear Technology LT1072CK Datasheet HTML 4Page - Linear Technology LT1072CK Datasheet HTML 5Page - Linear Technology LT1072CK Datasheet HTML 6Page - Linear Technology LT1072CK Datasheet HTML 7Page - Linear Technology LT1072CK Datasheet HTML 8Page - Linear Technology LT1072CK Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1072
1072fc
Driver Current* vs Switch Current
Supply Current vs Input Voltage*
Supply Current vs Supply Voltage
(Shutdown Mode)
Normal/Flyback Mode Threshold
on Feedback Pin
Shutdown Mode Supply Current
Error Amplifier Transconductance
Shutdown Thresholds
Idle Supply Current vs
Temperature
Feedback Pin Clamp Voltage
SWITCH CURRENT (A)
0
*AVERAGE LT1072 POWER SUPPLY CURRENT IS
FOUND BY MULTIPLYING DRIVER CURRENT BY
DUTY CYCLE, THEN ADDING QUIESCENT CURRENT
80
70
60
50
40
30
20
10
0
1.6
LT1072 • TPC10
0.4
0.8
1.2
2
1.4
0.2
0.6
1
1.8
*UNDER VERY LOW OUTPUT CURRENT CONDITIONS,
DUTY CYCLE FOR MOST CIRCUITS WILL APPROACH
10% OR LESS
INPUT VOLTAGE (V)
0
5
7
9
11
10
20
30
40
LT1072 • TPC11
50
13
15
6
8
10
12
14
60
TJ = 25°C
NOTE THAT THIS CURRENT DOES NOT
INCLUDE DRIVER CURRENT, WHICH IS
A FUNCTION OF LOAD CURRENT AND
DUTY CYCLE.
90% DUTY CYCLE
50% DUTY CYCLE
10% DUTY CYCLE
0% DUTY CYCLE
SUPPLY VOLTAGE (V)
0
60
80
100
30
50
LT1072 • TPC12
40
20
0
10
20
40
120
140
160
60
TJ = 25°C
VC = 50mV
VC = 0V
TEMPERATURE (°C)
–50
400
410
430
440
450
500
470
0
50
75
LT1072 • TPC13
420
480
490
460
–4
–6
–10
–12
–14
–24
–18
–8
–20
–22
–16
–25
25
100 125
150
FEEDBACK PIN VOLTAGE
(AT THRESHOLD)
FEEDBACK PIN CURRENT
(AT THRESHOLD)
VC PIN VOLTAGE (mV)
0
120
160
200
80
LT1072 • TPC14
80
40
100
140
180
60
20
0
20
10
40
30
60 70
90
50
100
TJ = 150°C
–55°C ≤ TJ ≤ 125°C
TEMPERATURE (C°)
–75
0
500
1500
2000
2500
5000
3500
–25
25
50
150
LT1072 • TPC15
1000
4000
4500
3000
–50
0
75 100 125
Gm = ∆
I
∆V
(VC PIN)
(FB PIN)
TEMPERATURE (°C)
–75
200
250
300
125
LT1072 • TPC16
150
100
0
–25
25
75
–50
150
050
100
50
400
350
–200
–250
–300
–150
–100
0
–50
–400
–350
CURRENT (OUT OF VC PIN)
VOLTAGE
VC VOLTAGE IS REDUCED UNTIL
REGULATOR CURRENT DROPS
BELOW 300µA
TEMPERATURE (°C)
–75
1
2
4
5
6
11
8
–25
25
50
150
LT1072 • TPC17
3
9
10
7
–50
0
75 100 125
VC = 0.6V
VSUPPLY = 60V
VSUPPLY = 3V
FEEDBACK CURRENT (mA)
0
300
400
500
0.8
LT1072 • TPC18
200
100
250
350
450
150
50
0
0.2
0.1
0.4
0.3
0.6 0.7
0.9
0.5
1
–55°C
25°C
150°C
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com