Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1076-5 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1076-5
Description  5V Step-Down Switching Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1076-5 Datasheet(HTML) 8 Page - Linear Technology

  LT1076-5 Datasheet HTML 1Page - Linear Technology LT1076-5 Datasheet HTML 2Page - Linear Technology LT1076-5 Datasheet HTML 3Page - Linear Technology LT1076-5 Datasheet HTML 4Page - Linear Technology LT1076-5 Datasheet HTML 5Page - Linear Technology LT1076-5 Datasheet HTML 6Page - Linear Technology LT1076-5 Datasheet HTML 7Page - Linear Technology LT1076-5 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LT1076-5
8
10765fc
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 1994
LT 0407 REV C • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1074/HV
4.4A (IOUT), 100kHz High Efficiency
Step-Down DC/DC Converter
VIN: 7.3V to 45V/64V, VOUT(MIN): 2.21V, IQ: 8.5mA, ISHDN: 10μA, DD5/7, TO-2205/7
LT3430
60V, 2.75A (IOUT), 200kHz High Efficiency
Step-Down DC/DC Converter
VIN: 5.5V to 60V, VOUT(MIN): 1.20V, IQ: 2.5mA, ISHDN: 25μA, TSSOP16E
LT1956
60V, 1.2A (IOUT), 500kHz High Efficiency
Step-Down DC/DC Converter
VIN: 5.5V to 60V, VOUT(MIN): 1.20V, IQ: 2.5mA, ISHDN: 25μA, TSSOP16E



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com