Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1078MH Datasheet(PDF) 1 Page - Linear Technology

Part # LT1078MH
Description  Micropower, Dual and Quad, Single Supply, Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1078MH Datasheet(HTML) 1 Page - Linear Technology

  LT1078MH Datasheet HTML 1Page - Linear Technology LT1078MH Datasheet HTML 2Page - Linear Technology LT1078MH Datasheet HTML 3Page - Linear Technology LT1078MH Datasheet HTML 4Page - Linear Technology LT1078MH Datasheet HTML 5Page - Linear Technology LT1078MH Datasheet HTML 6Page - Linear Technology LT1078MH Datasheet HTML 7Page - Linear Technology LT1078MH Datasheet HTML 8Page - Linear Technology LT1078MH Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LT1078/LT1079
10789fe
Micropower, Dual and
Quad, Single Supply, Precision Op Amps
s
Available in 8-Pin SO Package
s
50
µA Max Supply Current per Amplifier
s
70
µV Max Offset Voltage
s
180
µA Max Offset Voltage in 8-Pin SO
s
250pA Max Offset Current
s
0.6
µVP-P, 0.1Hz to 10Hz Voltage Noise
s
3pAP-P, 0.1Hz to 10Hz Current Noise
s
0.4
µV/°C Offset Voltage Drift
s
200kHz Gain Bandwidth Product
s
0.07V/
µs Slew Rate
s
Single Supply Operation
Input Voltage Range Includes Ground
Output Swings to Ground while Sinking Current
No Pull-Down Resistors Needed
s
Output Sources and Sinks 5mA Load Current
The LT
® 1078 is a micropower dual op amp in 8-pin
packages including the small outline surface mount pack-
age. The LT1079 is a micropower quad op amp offered in
the standard 14-pin packages. Both devices are optimized
for single supply operation at 5V.
±15V specifications are
also provided.
Micropower performance of competing devices is achieved
at the expense of seriously degrading precision, noise,
speed and output drive specifications. The design effort of
the LT1078/LT1079 was concentrated on reducing sup-
ply current without sacrificing other parameters. The
offset voltage achieved is the lowest on any dual or quad
nonchopper stabilized op amp—micropower or other-
wise. Offset current, voltage and current noise, slew rate
and gain bandwidth product are all two to ten times better
than on previous micropower op amps.
The 1/f corner of the voltage noise spectrum is at 0.7Hz,
at least three times lower than on any monolithic op amp.
This results in low frequency (0.1Hz to 10Hz) noise
performance which can only be found on devices with an
order of magnitude higher supply current.
Both the LT1078 and LT1079 can be operated from a
single supply (as low as one lithium cell or two Ni-Cad
batteries). The input range goes below ground. The all-
NPN output stage swings to within a few millivolts of
ground while sinking current—no power consuming pull
down resistors are needed.
s
Battery or Solar-Powered Systems
Portable Instrumentation
Remote Sensor Amplifier
Satellite Circuitry
s
Micropower Sample-and-Hold
s
Thermocouple Amplifier
s
Micropower Filters
Distribution of Input Offset Voltage
(LT1078 and LT1079 in H, J, N Packages)
INPUT OFFSET VOLTAGE (
µV)
–120
0
80
1078/79 • TA02
–80
–40
40
16
14
12
10
8
6
4
2
0
120
VS = 5V, 0V
TA = 25°C
Single Battery, Micropower, Gain = 100, Instrumentation Amplifier
INVERTING
INPUT
1M
2
3
1
6
5
7
A
1/2 LT1078
10.1k
1M
10.1k
NONINVERTING
INPUT
B
1/2 LT1078
4
8
3V (LITHIUM CELL)
OUT
TYPICAL PERFORMANCE
INPUT OFFSET VOLTAGE = 40
µV
INPUT OFFSET CURRENT = 0.2nA
TOTAL POWER DISSIPATION = 240
µW
COMMON MODE REJECTION = 110dB (AMPLIFIER LIMITED)
GAIN BANDWIDTH PRODUCT = 200kHz
OUTPUT NOISE = 85
µVP-P 0.1Hz TO 10Hz
= 300
µVRMS OVER FULL BANDWIDTH
INPUT RANGE
= 0.03V TO 1.8V
OUTPUT RANGE = 0.03V TO 2.3V
(0.3mV
≤ VIN+ – VIN– ≤ 23mV)
OUTPUTS SINK CURRENT—NO PULL-DOWN RESISTORS
ARE NEEDED
LT1078/79 • TA01
–
+
, LTC and LT are registered trademarks of Linear Technology Corporation.
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO


Similar Part No. - LT1078MH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1078MH LINER-LT1078MH Datasheet
514Kb / 20P
Micropower, Dual and Quad, Single Supply, Precision Op Amps
More results

Similar Description - LT1078MH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1078 LINER-LT1078 Datasheet
514Kb / 20P
Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT2078 LINER-LT2078 Datasheet
429Kb / 16P
Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Intersil Corporation
ISL28276 INTERSIL-ISL28276_07 Datasheet
500Kb / 13P
Dual and Quad Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op Amps
April 20, 2007
ISL28286 INTERSIL-ISL28286_07 Datasheet
434Kb / 14P
Dual and Quad Micropower Single Supply Dual and Quad Micropower Single Supply Precision Op Amp
June 28, 2007
logo
Linear Integrated Syste...
LT1178 LINEAR-LT1178_1 Datasheet
240Kb / 12P
17uA Max, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Dimensions Semic...
LT2079CS LINEAR_DIMENSIONS-LT2079CS Datasheet
345Kb / 16P
Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Technology
LT2078 LINER-LT2078_15 Datasheet
345Kb / 16P
Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT2079 LINER-LT2079_15 Datasheet
345Kb / 16P
Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT1078 LINER-LT1078_15 Datasheet
609Kb / 20P
Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT1079 LINER-LT1079_15 Datasheet
609Kb / 20P
Micropower, Dual and Quad, Single Supply, Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com