Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1057SW Datasheet(PDF) 1 Page - Linear Technology

Part # LT1057SW
Description  Dual and Quad, JFET Input Precision High Speed Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1057SW Datasheet(HTML) 1 Page - Linear Technology

  LT1057SW Datasheet HTML 1Page - Linear Technology LT1057SW Datasheet HTML 2Page - Linear Technology LT1057SW Datasheet HTML 3Page - Linear Technology LT1057SW Datasheet HTML 4Page - Linear Technology LT1057SW Datasheet HTML 5Page - Linear Technology LT1057SW Datasheet HTML 6Page - Linear Technology LT1057SW Datasheet HTML 7Page - Linear Technology LT1057SW Datasheet HTML 8Page - Linear Technology LT1057SW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT1057/LT1058
1
10578fc
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Dual and Quad, JFET Input
Precision High Speed Op Amps
The LT®1057 is a matched JFET input dual op amp in
the industry standard 8-pin configuration, featuring a
combination of outstanding high speed and precision
specifications. It replaces all the popular bipolar and JFET
input dual op amps. In particular, the LT1057 upgrades the
performance of systems using the LF412A and OP-215
JFET input duals.
The LT1058 is the lowest offset quad JFET input operational
amplifier in the standard 14-pin configuration. It offers
significant accuracy improvement over presently available
JFET input quad operational amplifiers. The LT1058 can
replace four single precision JFET input op amps, while
saving board space, power dissipation and cost.
Both the LT1057 and LT1058 are available in the plastic
PDIP package and the surface mount SO package.
Current Output, High Speed, High Input Impedance
Instrumentation Amplifier
n 14V/μs Slew Rate: 10V/μs Min
n 5MHz Gain-Bandwidth Product
n Fast Settling Time: 1.3μs to 0.02%
n 150μV Offset Voltage (LT1057): 450μV Max
n 180μV Offset Voltage (LT1058): 600μV Max
n 2μV/°C VOS Drift: 7μV/°C Max
n 50pA Bias Current at 70°C
n Low Voltage Noise:
13nV/√Hz at 1kHz
26nV/√Hz at 10Hz
n Precision, High Speed Instrumentation
n Fast, Precision Sample-and-Hold
n Logarithmic Amplifiers
n D/A Output Amplifiers
n Photodiode Amplifiers
n Voltage-to-Frequency Converters
n Frequency-to-Voltage Converters
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Distribution of Offset Voltage
(All Packages, LT1057 and LT1058)
+
+
+
+
6.8k
7.5k
RX
7.5k
1/4
LT1058
1/4
LT1058
1/4
LT1058
1/4
LT1058
1
3
2
V2
IOUT
IOUT =
2(V1 – V2)
RX
V1
*GAIN ADJUST
**COMMON MODE REJECTION ADJUST
BANDWIDTH
2MHz
6
5
7
10
14
13
12
9
8
4.7k
500Ω*
1k**
4.7k
7.5k
9.1k
10578 TA01
INPUT OFFSET VOLTAGE (mV)
–1.0
15
20
25
0.6
10578 TA01b
10
5
0
–0.6
–0.2 0
0.2
1.0
VS = 15V
TA = 25 C
LT1057: 610 OP AMPS
LT1058: 520 OP AMPS
1130 OP AMPS
TESTED


Similar Part No. - LT1057SW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1057S LINER-LT1057S Datasheet
175Kb / 3P
Dual JFET Input Precision High Speed Op Amp?
More results

Similar Description - LT1057SW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1057 LINER-LT1057 Datasheet
869Kb / 12P
Dual and Quad, JFET Input Precision High Speed Op Amps
LT1057S LINER-LT1057S Datasheet
175Kb / 3P
Dual JFET Input Precision High Speed Op Amp?
LT1113 LINER-LT1113 Datasheet
244Kb / 16P
Dual Low Noise, Precision, JFET Input Op Amps
LT1124 LINER-LT1124 Datasheet
227Kb / 16P
Dual/Quad Low Noise, High Speed Precision Op Amps
logo
Linear Dimensions Semic...
LT1125CSW LINEAR_DIMENSIONS-LT1125CSW Datasheet
208Kb / 18P
Dual/Quad Low Noise, High Speed Precision Op Amps
logo
Linear Technology
LT1124 LINER-LT1124_15 Datasheet
379Kb / 20P
Dual/Quad Low Noise, High Speed Precision Op Amps
LT1125 LINER-LT1125_15 Datasheet
379Kb / 20P
Dual/Quad Low Noise, High Speed Precision Op Amps
LT1057 LINER-LT1057_15 Datasheet
337Kb / 16P
Dual and Quad, JFET Input Precision High Speed Op Amps
LT1058 LINER-LT1058_15 Datasheet
337Kb / 16P
Dual and Quad, JFET Input Precision High Speed Op Amps
LT1057 LINER-LT1057_12 Datasheet
337Kb / 16P
Dual and Quad, JFET Input Precision High Speed Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com