Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1073 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1073
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1073 Datasheet(HTML) 3 Page - Linear Technology

  LT1073 Datasheet HTML 1Page - Linear Technology LT1073 Datasheet HTML 2Page - Linear Technology LT1073 Datasheet HTML 3Page - Linear Technology LT1073 Datasheet HTML 4Page - Linear Technology LT1073 Datasheet HTML 5Page - Linear Technology LT1073 Datasheet HTML 6Page - Linear Technology LT1073 Datasheet HTML 7Page - Linear Technology LT1073 Datasheet HTML 8Page - Linear Technology LT1073 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT1073
3
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: This specification guarantees that both the high and low trip point
of the comparator fall within the 202mV to 222mV range.
Note 3: This specification guarantees that the output voltage of the fixed
versions will always fall within the specified range. The waveform at the
SENSE pin will exhibit a sawtooth shape due to the comparator hysteresis.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IREV
Reverse Battery Current
(Note 5)
750
mA
ILIM
Current Limit
220
Ω Between ILIM and VIN
400
mA
Current Limit Temperature Coefficient
–0.3
%/
°C
ILEAK
Switch OFF Leakage Current
Measured at SW1 Pin
1
10
µA
VSW2
Maximum Excursion Below GND
ISW1 ≤ 10µA, Switch Off
–400
–350
mV
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 1.5V unless otherwise specified.
Note 4: 100k resistor connected between a 5V source and the AO pin.
Note 5: The LT1073 is guaranteed to withstand continuous application of
1.6V applied to the GND and SW2 pins while VIN, ILIM and SW1 pins are
grounded.
TYPICAL PERFOR A CE CHARACTERISTICS
Saturation Voltage Step-Up Mode
(SW2 Pin Grounded)
Switch ON Voltage Step-Down Mode
(SW1 Pin Connected to VIN)
Maximum Switch Current vs RLIM
ISWITCH (A)
0
1.2
1.0
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
1073 G01
1.0
1.2
VIN = 1.25V
VIN = 1.5V
VIN = 5V
VIN = 2V
VIN = 1V
VIN = 3V
ISWITCH (A)
0
0.6
1073 G02
0.2
0.4
0.8
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.1
0.3
0.5
0.7
RLIM (Ω)
10
1200
1100
1000
900
800
700
600
500
400
300
200
100
100
1000
1073 G03
L = 82
µH
VIN = 3V
VIN = 1.5V
FB Pin Bias Current vs
Temperature
SET Pin Bias Current vs
Temperature
“Gain Block” Gain
TEMPERATURE (
°C)
–50
100
1073 G04
050
20
18
16
14
12
10
8
6
4
–25
25
75
125
TEMPERATURE (
°C)
–50
100
1073 G05
050
200
175
150
125
100
75
50
25
0
–25
25
75
125
TEMPERATURE (
°C)
–50
100
1073 G06
050
1800
1600
1400
1200
1000
800
600
400
200
0
–25
25
75
125
VIN = 1.5V
RL = 100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com