Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1213 Datasheet(PDF) 7 Page - Linear Integrated Systems

Part # 1213
Description  28MHz, 12V/ms, Single Supply Dual and Quad Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

1213 Datasheet(HTML) 7 Page - Linear Integrated Systems

Back Button 1213 Datasheet HTML 3Page - Linear Integrated Systems 1213 Datasheet HTML 4Page - Linear Integrated Systems 1213 Datasheet HTML 5Page - Linear Integrated Systems 1213 Datasheet HTML 6Page - Linear Integrated Systems 1213 Datasheet HTML 7Page - Linear Integrated Systems 1213 Datasheet HTML 8Page - Linear Integrated Systems 1213 Datasheet HTML 9Page - Linear Integrated Systems 1213 Datasheet HTML 10Page - Linear Integrated Systems 1213 Datasheet HTML 11Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LT1213/LT1214
3.3V
ELECTRICAL C
C
HARA TERISTICS
VS = 3.3V, VCM = 0.5V, VOUT = 0.5V, TA = 25°C, unless otherwise noted. (Note 8)
LT1213AC
LT1213C/LT1214C
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
100
175
150
375
µV
Input Voltage Range (Note 9)
1.7
1.8
1.7
1.8
V
0.1
– 0.1
0.1
– 0.1
V
Maximum Output Voltage Swing Output High, No Load
2.50
2.63
2.50
2.63
V
Output High, ISOURCE = 1mA
2.40
2.55
2.40
2.55
V
Output High, ISOURCE = 15mA
2.14
2.26
2.14
2.26
V
Output Low, No Load
0.005
0.008
0.005
0.008
V
Output Low, ISINK = 1mA
0.037
0.055
0.037
0.055
V
Output Low, ISINK = 15mA
0.400
0.530
0.400
0.530
V
VS = 3.3V, VCM = 0.5V, VOUT = 0.5V, – 40°C ≤ TA ≤ 85°C, unless otherwise noted. (Note 6, 8)
LT1213AM
LT1213M
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
130
250
200
500
µV
Input Voltage Range (Note 9)
1.4
1.5
1.4
1.5
V
0.4
0.2
0.4
0.2
V
Maximum Output Voltage Swing Output High, No Load
2.35
2.50
2.35
2.50
V
Output High, ISOURCE = 1mA
2.20
2.40
2.20
2.40
V
Output High, ISOURCE = 15mA
1.90
2.10
1.90
2.10
V
Output Low, No Load
0.007
0.012
0.007
0.012
V
Output Low, ISINK = 1mA
0.040
0.070
0.040
0.070
V
Output Low, ISINK = 15mA
0.500
0.750
0.500
0.750
V
LT1213AC
LT1213C/LT1214C
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
120
200
175
500
µV
Input Voltage Range (Note 9)
1.4
1.5
1.4
1.5
V
0.2
0
0.2
0
V
Maximum Output Voltage Swing Output High, No Load
2.45
2.55
2.45
2.55
V
Output High, ISOURCE = 1mA
2.30
2.46
2.30
2.46
V
Output High, ISOURCE = 15mA
2.02
2.19
2.02
2.19
V
Output Low, No Load
0.006
0.009
0.006
0.009
V
Output Low, ISINK = 1mA
0.040
0.060
0.040
0.060
V
Output Low, ISINK = 15mA
0.410
0.550
0.410
0.550
V
VS = 3.3V, VCM = 0.5V, VOUT = 0.5V, – 55°C ≤ TA ≤ 125°C, unless otherwise noted. (Note 8)
LT1213AC
LT1213C/LT1213M
LT1213AM
LT1214C
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
75
150
100
275
µV
Input Voltage Range (Note 9)
1.8
2.1
1.8
2.1
V
0
– 0.3
0
– 0.3
V
Maximum Output Voltage Swing Output High, No Load
2.60
2.69
2.60
2.69
V
Output High, ISOURCE = 1mA
2.50
2.60
2.50
2.60
V
Output High, ISOURCE = 20mA
2.10
2.22
2.10
2.22
V
Output Low, No Load
0.004
0.007
0.004
0.007
V
Output Low, ISINK = 1mA
0.033
0.050
0.033
0.050
V
Output Low, ISINK = 20mA
0.475
0.620
0.475
0.620
V
IO
Maximum Output Current
±30
±50
±30
±50
mA
VS = 3.3V, VCM = 0.5V, VOUT = 0.5V, 0°C ≤ TA ≤ 70°C, unless otherwise noted. (Note 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com