Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1072 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1072
Description  1.25A High Efficiency Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1072 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1072 Datasheet HTML 7Page - Linear Technology LT1072 Datasheet HTML 8Page - Linear Technology LT1072 Datasheet HTML 9Page - Linear Technology LT1072 Datasheet HTML 10Page - Linear Technology LT1072 Datasheet HTML 11Page - Linear Technology LT1072 Datasheet HTML 12Page - Linear Technology LT1072 Datasheet HTML 13Page - Linear Technology LT1072 Datasheet HTML 14Page - Linear Technology LT1072 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1072
1072fc
Positive to Negative Buck-Boost Converter
External Current Limit
LT1072 • TA08
D1
R1
500Ω
R2
≈ 2V
VX
VC
GND
LT1072
Voltage Boosted Boost Converter
LT1072 • TA09
D2
D1
TOTAL INDUCTANCE = 8mH
INTERLEAVE PRIMARY AND
SECONDARY FOR LOW LEAKAGE
INDUCTANCE
1
L1
N = 5
+
C2
0.047µF
R3
10k
VIN
15V
C1
200µF
R4
1.5k
1/2W
C3
0.68
R1
98k
VOUT
100V AT 75mA
R2
1.24k
VIN
VSW
FB
VC
GND
LT1072
+
C
C5
100µF*
VIN
10 TO 30V
*REQUIRED IF INPUT LEADS ≥ 2"
**PULSE ENGINEERING 92113
†TO AVOID START-UP PROBLEMS
FOR INPUT VOLTAGES BELOW 10V,
CONNECT ANODE OF D3 TO VIN,
AND REMOVE R5. C1 MAY BE
REDUCED FOR LOWER OUTPUT
CURRENTS. C1 ≈ (500µF)(IOUT).
FOR 5V OUTPUTS, REDUCE R3
TO 1.5k, INCREASE C2 TO 0.3µF,
AND REDUCE R6 TO 100Ω
LT1072 • TA07
R4
47Ω
D1
D2
1N914
C1†
1000µF
C
C3
2µF
R5†
470Ω, 1W
C
C2
0.1µF
D3†
1N4001
C4
5µF
R6
470Ω
R2
1.24k
L1**
200µH
R3
5k
VOUT
–12V AT 2A
R1
10.7k
VIN
VSW
FB
VC
GND
LT1072
+
+
+
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com