Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1007IS8 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1007IS8
Description  Low Noise, High Speed Precision Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1007IS8 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1007IS8 Datasheet HTML 8Page - Linear Technology LT1007IS8 Datasheet HTML 9Page - Linear Technology LT1007IS8 Datasheet HTML 10Page - Linear Technology LT1007IS8 Datasheet HTML 11Page - Linear Technology LT1007IS8 Datasheet HTML 12Page - Linear Technology LT1007IS8 Datasheet HTML 13Page - Linear Technology LT1007IS8 Datasheet HTML 14Page - Linear Technology LT1007IS8 Datasheet HTML 15Page - Linear Technology LT1007IS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1007/LT1037
sn100737 100737fbs
LT/CPI 1101 1.5K REV B • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1985
Strain Gauge Signal Conditioner with Bridge Excitation
6
4
7
3
2
7.5V
7.5V
–7.5V
6
4
7
–7.5V
1007/37 TA09
–
+
LT1007
–
+
LT1007
6
4
7
3
3
2
2
350
Ω
BRIDGE
OUTPUT
0V TO 10V
301k*
301k*
GAIN
TRIM
50k
ZERO
TRIM
10k
REFERENCE
OUT
1
µF
15V
–15V
499
Ω*
5k
2.5V
LT1009
LT1007
*RN60C FILM RESISTOR
THE LT1007 IS CAPABLE OF PROVIDING EXCITATION CURRENT
DIRECTLY TO BIAS THE 350
Ω BRIDGE AT 5V. WITH ONLY 5V ACROSS
THE BRIDGE (AS OPPOSED TO THE USUAL 10V) TOTAL POWER
DISSIPATION AND BRIDGE WARM-UP DRIFT IS REDUCED. THE BRIDGE
OUTPUT SIGNAL IS HALVED, BUT THE LT1007 CAN AMPLIFY THE
REDUCED SIGNAL ACCURATELY.
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1028
Ultralow Noise Precision Op Amp
Lowest Noise 0.85nV/
√Hz
LT1115
Ultralow Noise, Low distortion Audio Op Amp
0.002% THD, Max Noise 1.2mV/
√Hz
LT1124/LT1125
Dual/Quad Low Noise, High Speed Precision Op Amps
Similar to LT1007
LT1126/LT1127
Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
Similar to LT1037
LT1498/LT1499
10MHz, 5V/
µs, Dual/Quad Rail-to-Rail Input and Output
Precision C-Load
TM Op Amps
C-Load is a trademark of Linear Technology Corporation.
TYPICAL APPLICATIO
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com