Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1071IT Datasheet(PDF) 11 Page - Linear Technology

Part # LT1071IT
Description  5A and 2.5A High Efficiency Switching Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1071IT Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1071IT Datasheet HTML 4Page - Linear Technology LT1071IT Datasheet HTML 5Page - Linear Technology LT1071IT Datasheet HTML 6Page - Linear Technology LT1071IT Datasheet HTML 7Page - Linear Technology LT1071IT Datasheet HTML 8Page - Linear Technology LT1071IT Datasheet HTML 9Page - Linear Technology LT1071IT Datasheet HTML 10Page - Linear Technology LT1071IT Datasheet HTML 11Page - Linear Technology LT1071IT Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
10701fe
11
LT1070/LT1071
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
TYPICAL APPLICATIONS (Note that maximum output currents are divided by 2 for the LT1071)
T5 (TO-220) 0399
0.028 – 0.038
(0.711 – 0.965)
0.067
(1.70)
0.135 – 0.165
(3.429 – 4.191)
0.700 – 0.728
(17.78 – 18.491)
0.045 – 0.055
(1.143 – 1.397)
0.095 – 0.115
(2.413 – 2.921)
0.013 – 0.023
(0.330 – 0.584)
0.620
(15.75)
TYP
0.155 – 0.195*
(3.937 – 4.953)
0.152 – 0.202
(3.861 – 5.131)
0.260 – 0.320
(6.60 – 8.13)
0.165 – 0.180
(4.191 – 4.572)
0.147 – 0.155
(3.734 – 3.937)
DIA
0.390 – 0.415
(9.906 – 10.541)
0.330 – 0.370
(8.382 – 9.398)
0.460 – 0.500
(11.684 – 12.700)
0.570 – 0.620
(14.478 – 15.748)
0.230 – 0.270
(5.842 – 6.858)
BSC
SEATING PLANE
* MEASURED AT THE SEATING PLANE
K4(TO-3) 1098
72
°
18
°
0.490 – 0.510
(12.45 – 12.95)
R
0.470 TP
P.C.D.
0.167 – 0.177
(4.24 – 4.49)
R
0.151 – 0.161
(3.84 – 4.09)
DIA 2 PLC
0.655 – 0.675
(16.64 – 19.05)
1.177 – 1.197
(29.90 – 30.40)
0.038 – 0.043
(0.965 – 1.09)
0.060 – 0.135
(1.524 – 3.429)
0.320 – 0.350
(8.13 – 8.89)
0.420 – 0.480
(10.67 – 12.19)
0.760 – 0.775
(19.30 – 19.69)
Flyback Converter
1070/71 TA08
*REQUIRED IF INPUT LEADS
≥ 2"
a
b
VSNUB
C2
0.15
µF
R3
1.5k
R1
3.74k
R2
1.24k
C4*
100
µF
VIN
20V TO 30V
VOUT
5V
6A
VSW
VC
VIN
LT1070
GND
FB
C3
0.47
µF
C1
2000
µF
D2
D1
R4
1N
•
•
+
+
PRIMARY FLYBACK VOLTAGE =
LT1070/LT1071 SWITCH VOLTAGE
AREA “a” = AREA “b” TO MAINTAIN
ZERO DC VOLTS ACROSS PRIMARY
SECONDARY VOLTAGE
AREA “c” = AREA “d” TO MAINTAIN
ZERO DC VOLTS ACROSS SECONDARY
PRIMARY CURRENT
VOUT + VF
N
0V
VIN
CLAMP TURN-ON
SPIKE
C4
200
µF
L2
10
µH
OPTIONAL
FILTER
c
∆I
d
VOUT + VF
(N)(VIN)
IPRI
0V
0
LT1070 SWITCH CURRENT
SNUBBER DIODE CURRENT
IPRI
IPRI
t =
(IPRI)(LL)
VSNUB
SECONDARY CURRENT
IPRI N
0
0
N = 1/3
PACKAGE DESCRIPTION
OBSOLETE PACKAGE
T Package
5-Lead Plastic TO-220 (Standard)
(Reference LTC DWG # 05-08-1421)
K Package
4-Lead TO-3 Metal Can
(Reference LTC DWG # 05-08-1311)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com