Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1079IN Datasheet(PDF) 13 Page - Linear Technology

Part # LT1079IN
Description  Micropower, Dual and Quad, Single Supply, Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1079IN Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1079IN Datasheet HTML 9Page - Linear Technology LT1079IN Datasheet HTML 10Page - Linear Technology LT1079IN Datasheet HTML 11Page - Linear Technology LT1079IN Datasheet HTML 12Page - Linear Technology LT1079IN Datasheet HTML 13Page - Linear Technology LT1079IN Datasheet HTML 14Page - Linear Technology LT1079IN Datasheet HTML 15Page - Linear Technology LT1079IN Datasheet HTML 16Page - Linear Technology LT1079IN Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LT1078/LT1079
10789fe
TYPICAL APPLICATIONS
Micropower, 10ppm/
°C, ±5V Reference
Gain of 10 Difference Amplifier
–
+
+
–
2M
220k
120k 3
2
1
8
4
1/2 LT1078
9V
5.000VOUT
1M
6
5
7
LT1034BC-1.2
510k
1M
–5.000VOUT
–9V
510k
1%
20k
160k
1%
1/2 LT1078
SUPPLY CURRENT = 9V BATTERY = 115
µA
–9V BATTERY = 85
µA
OUTPUT NOISE = 36
µVP-P, 0.1Hz TO 10Hz
THE LT1078 CONTRIBUTES LESS THAN 3% OF THE TOTAL OUTPUT NOISE AND
DRIFT WITH TIME AND TEMPERATURE. THE ACCURACY OF THE –5V OUTPUT
DEPENDS ON THE MATCHING OF THE TWO 1M RESISTORS
LT1078/79 • TA03
+
–
1M
1M
10M
OUTPUT
0.0035V TO 2.4V
1/2 LT1078
BANDWIDTH= 20kHz
OUTPUT OFFSET= 0.7mV
OUTPUT NOISE= 80
µVP-P (0.1Hz TO 10Hz)
260
µVRMS OVER FULL
BANDWIDTH
THE USEFULNESS OF DIFFERENCE AMPLIFIERS IS LIMITED BY
THE FACT THAT THE INPUT RESISTANCE IS EQUAL TO THE SOURCE
RESISTANCE. THE PICOAMPERE OFFSET CURRENT AND LOW
CURRENT NOISE OF THE LT1078 ALLOWS THE USE OF 1M SOURCE
RESISTORS WITHOUT DEGRADATION IN PERFORMANCE. IN ADDITION,
WITH MEGOHM RESISTORS MICROPOWER OPERATION CAN BE MAINTAINED
LT1078/79 • TA04
–IN
+IN
10M
3V
Picoampere Input Current, Triple Op Amp Instrumentation Amplifier with Bias Current Cancellation
+
–
9
10
8
1/4 LT1079
–
+
+
–
–
+
R2
1M
R2
1M
1/4 LT1079
1/4 LT1079
1/4 LT1079
3
2
1
R1
1M
R1
1M
RG
200k
6
5
7
12
13
14
R3
9.1M
R3
9.1M
9V
4
11
2R
20M
OUTPUT
4mV TO 8.2V
R
10M
2R
20M
–IN
+IN
GAIN = 1 +
()
2R1
RG
R3
R2
= 100 FOR VALUES SHOWN
LT`1078/79 • TA05
INPUT BIAS CURRENT TYPICALLY < 150pA
INPUT RESISTANCE = 3R = 30M FOR VALUES SHOWN
NEGATIVE COMMON MODE LIMIT = (IB)(2R) + 20mV ≈ 140mV
GAIN BANDWIDTH PRODUCT = 1.8MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com