Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH1814M Datasheet(PDF) 7 Page - Linear Technology

Part # RH1814M
Description  Quad 3mA, 100MHz, 750V/關s Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1814M Datasheet(HTML) 7 Page - Linear Technology

  RH1814M Datasheet HTML 1Page - Linear Technology RH1814M Datasheet HTML 2Page - Linear Technology RH1814M Datasheet HTML 3Page - Linear Technology RH1814M Datasheet HTML 4Page - Linear Technology RH1814M Datasheet HTML 5Page - Linear Technology RH1814M Datasheet HTML 6Page - Linear Technology RH1814M Datasheet HTML 7Page - Linear Technology RH1814M Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
RH1814M
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Power Supply Rejection Ratio
TOTAL DOSE KRAD (Si)
1
105
100
95
90
85
80
75
70
10
100
1000
RH1814M G09
VS = ±2V TO ±5.5V
TOTAL DOSE KRAD (Si)
1
120
110
100
90
80
10
100
1000
RH1814M G11
VS = ±5V
RL = 10k
Gain Bandwidth Product
Open-Loop Gain
TOTAL DOSE KRAD (Si)
1
70
68
66
64
62
60
58
56
10
100
1000
RH1814M G07
VS = ±5V
RL = 10k
VOUT = ±3V
TOTAL DOSE KRAD (Si)
1
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
10
100
1000
RH1814M G04
VS = ±5V
VCM = 0V
Input Offset Voltage
Input Offset Current
TOTAL DOSE KRAD (Si)
1
1.5
1.0
0.5
0
–0.5
–1.0
10
100
1000
RH1814M G06
VS = ±5V
VCM = 0V
Input Bias Current
TOTAL DOSE KRAD (Si)
1
7
6
5
4
3
2
1
0
10
100
1000
RH1814M G05
VS = ±5V
VCM = 0V
TOTAL DOSE KRAD (Si)
1
100
95
90
85
80
75
70
65
10
100
1000
RH1814M G08
VS = ±5V
1.5V ≤ VCM ≤ 3.5V
Common-Mode Rejection Ratio
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com