Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-C265 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-C265
Description  Surface Mount Chip LEDs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-C265 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HSMS-C265 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMS-C265 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMS-C265 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMS-C265 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMS-C265 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMS-C265 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMS-C265 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Description
The HSMx-C265 is a reverse mountable chip-type LED for
lighting the non-component side of a PCB board. In this
reverse mounting configuration, this LED is designed to
emit light through a small cut-out hole in the PC board.
The HSMx-C265 is available in four colors. The small size,
narrow footprint, and low profile make this series of LEDs
excellentforbacklighting,statusindication,andfrontpanel
illumination application.
Features
• Reverse mountable
• Undiffused optics
• Small 3.4 x 1.25 mm footprint
• Operating temperature range of –30°C to +85°C
• Compatible with IR solder reflow
• Four colors available: red, orange, yellow, and green
• Available in 8 mm tape on 7" (178 mm) diameter
reels
Applications
• Keypad backlighting
• Symbol backlighting
• LCD backlighting
• Status indication
Device Selection Guide
Part Number
Color
Parts Per Reel
HSMS-C265
High Efficiency Red
3000
HSMD-C265
Orange
3000
HSMY-C265
Yellow
3000
HSMG-C265
Green
3000
HSMH-C265
AlGaAs Red
3000
HSMx-C265
Surface Mount Chip LEDs
Data Sheet


Similar Part No. - HSMS-C265

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMS-C265 HP-HSMS-C265 Datasheet
211Kb / 9P
Surface Mount Chip LEDs
More results

Similar Description - HSMS-C265

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MSL-154B UOT-MSL-154B Datasheet
33Kb / 2P
Surface Mount Chip LEDs
MSL-154HG UOT-MSL-154HG Datasheet
33Kb / 2P
Surface Mount Chip LEDs
MSL-154SG UOT-MSL-154SG Datasheet
34Kb / 2P
Surface Mount Chip LEDs
MSL-154SO UOT-MSL-154SO Datasheet
33Kb / 2P
Surface Mount Chip LEDs
MSL-154UYL UOT-MSL-154UYL Datasheet
33Kb / 2P
Surface Mount Chip LEDs
MSL-154Y UOT-MSL-154Y Datasheet
34Kb / 2P
Surface Mount Chip LEDs
MSL-174DR UOT-MSL-174DR Datasheet
34Kb / 2P
Surface Mount Chip LEDs
MSL-174UG UOT-MSL-174UG Datasheet
33Kb / 2P
Surface Mount Chip LEDs
MSL-194SO UOT-MSL-194SO Datasheet
33Kb / 2P
Surface Mount Chip LEDs
logo
Agilent(Hewlett-Packard...
HSMB-C190 HP-HSMB-C190 Datasheet
208Kb / 8P
Surface Mount Chip LEDs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com