Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-J314 Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-J314
Description  0.6 Amp Output Current IGBT Gate Drive Optocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-J314 Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-J314 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-J314 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-J314 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-J314 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-J314 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-J314 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-J314 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-J314 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED HCPL-J314 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
Selecting the Gate Resistor (Rg)
Step 1:CalculateRgminimumfromtheIOLpeakspecifi-
cation.TheIGBTandRginFigure19canbeanalyzedas
asimpleRCcircuitwithavoltagesuppliedbytheHCPL-
J314.
VCC – VOL
Rg≥ ————
IOLPEAK
24V–5V
= ————
0.6A
= 32Ω
TheVOLvalueof5VinthepreviousequationistheVOL
atthepeakcurrentof0.6A.(SeeFigure6).
Step 2:ChecktheHCPL-J314powerdissipationandin-
creaseRgifnecessary.TheHCPL-J314totalpowerdissi-
pation(PT)isequaltothesumoftheemitterpower(PE)
andtheoutputpower(PO).
PT=PE+PO
PE = IF 6 VF 6 Duty Cycle
PO = PO(BIAS) + PO(SWITCHING) = ICC 6 VCC + ESW (Rg,Qg) 6 f
=(ICCBIAS+KICC 6 Qg 6 f) 6 VCC+ESW(Rg,Qg) 6 f
whereKICC 6 Qg 6 fistheincreaseinICCduetoswitch-
ingandKICC isaconstantof0.001mA/(nC*kHz).Forthe
circuitinFigure19withIF(worstcase)=10mA,Rg=32
Ω,MaxDutyCycle=80%,Qg=100nC,f=20kHzand
TAMAX=85°C:
PE =10mA 6 1.8V6 0.8=14mW
PO=(3mA+(0.001mA/(nC 6 kHz))6 20kHz6 100nC)6
24V+0.4µJ6 20kHz=80mW
<260mW (PO(MAX)@85°C)
Thevalueof3mAforICCinthepreviousequationisthe
max.ICCoverentireoperatingtemperaturerange.
SincePOforthiscaseislessthanPO(MAX),Rg=32Ωisall
rightforthepowerdissipation.
Figure 20. Energy dissipated in the HCPL-J314 and for
each IGBT switching cycle.
LED Drive Circuit Considerations for Ultra High CMR Perfor-
mance
Without a detector shield, the dominant cause of op-
tocoupler CMR failure is capacitive coupling from the
inputsideoftheoptocoupler,throughthepackage,to
the detector IC as shown in Figure 21. The HCPL-J314
improvesCMRperformancebyusingadetectorICwith
anopticallytransparentFaradayshield,whichdivertsthe
capacitivelycoupledcurrentawayfromthesensitiveIC
circuitry.However,thisshielddoesnoteliminatetheca-
pacitivecouplingbetweentheLEDandoptocouplerpins
5-8asshowninFigure22.Thiscapacitivecouplingcauses
perturbationsintheLEDcurrentduringcommonmode
transientsandbecomesthemajorsourceofCMRfailures
forashieldedoptocoupler.Themaindesignobjectiveof
ahighCMRLEDdrivecircuitbecomeskeepingtheLEDin
theproperstate(onoroff)duringcommonmodetran-
sients.Forexample,therecommendedapplicationcircuit
(Figure19),canachieve10kV/µsCMRwhileminimizing
componentcomplexity.
Techniques to keep the LED in the proper state are
discussedinthenexttwosections.
0
0
Rg – GATE RESISTANCE –
Ω
100
1.5
20
4.0
40
1.0
60
80
3.5
Qg = 50 nC
Qg = 100 nC
Qg = 200 nC
Qg = 400 nC
3.0
2.0
0.5
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com