Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-3150 Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-3150
Description  0.5 Amp Output Current IGBT Gate Drive Optocoupler
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-3150 Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-3150 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13
Figure 22. UVLO Test Circuit.
Figure 17. I
OH Test Circuit.
Figure 18. I
OL Test Circuit.
Figure 19. V
OH Test Circuit.
Figure 20. V
OL Test Circuit.
Figure 21. I
FLH Test Circuit.
HCPL-3150 fig 22
0.1 µF
VCC
1
3
IF = 10 mA
+
–
2
4
8
6
7
5
VO > 5 V
HCPL-3150 fig 17
0.1 µF
VCC = 15
to 30 V
1
3
IF = 7 to
16 mA
+
–
2
4
8
6
7
5
+
– 4 V
IOH
HCPL-3150 fig 18
0.1 µF
VCC = 15
to 30 V
1
3
+
–
2
4
8
6
7
5
2.5 V
IOL
+
–
HCPL-3150 fig 19
0.1 µF
VCC = 15
to 30 V
1
3
IF = 7 to
16 mA
+
–
2
4
8
6
7
5
100 mA
VOH
HCPL-3150 fig 20
0.1 µF
VCC = 15
to 30 V
1
3
+
–
2
4
8
6
7
5
100 mA
VOL
HCPL-3150 fig 21
0.1 µF
VCC = 15
to 30 V
1
3
IF
+
–
2
4
8
6
7
5
VO > 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com