Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6419AC04MR Datasheet(PDF) 27 Page - Torex Semiconductor

Part # XC6419AC04MR
Description  Dual LDO Regulator (ch1=300mA, ch2=100mA) with ON/OFF Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6419AC04MR Datasheet(HTML) 27 Page - Torex Semiconductor

Back Button XC6419AC04MR Datasheet HTML 21Page - Torex Semiconductor XC6419AC04MR Datasheet HTML 22Page - Torex Semiconductor XC6419AC04MR Datasheet HTML 23Page - Torex Semiconductor XC6419AC04MR Datasheet HTML 24Page - Torex Semiconductor XC6419AC04MR Datasheet HTML 25Page - Torex Semiconductor XC6419AC04MR Datasheet HTML 26Page - Torex Semiconductor XC6419AC04MR Datasheet HTML 27Page - Torex Semiconductor XC6419AC04MR Datasheet HTML 28Page - Torex Semiconductor XC6419AC04MR Datasheet HTML 29Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
27/29
XC6419
Series
■PACKAGING INFORMATION
●SOT-26
●USP-6C
●USP-6C
Reference Metal Mask Design
●USP-6C Reference Pattern Layout
*The side of pins are not gilded,
but nickel is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com