Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1308ACF Datasheet(PDF) 13 Page - Linear Technology

Part # LT1308ACF
Description  High Current, Micropower Single Cell, 600kHz DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1308ACF Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1308ACF Datasheet HTML 9Page - Linear Technology LT1308ACF Datasheet HTML 10Page - Linear Technology LT1308ACF Datasheet HTML 11Page - Linear Technology LT1308ACF Datasheet HTML 12Page - Linear Technology LT1308ACF Datasheet HTML 13Page - Linear Technology LT1308ACF Datasheet HTML 14Page - Linear Technology LT1308ACF Datasheet HTML 15Page - Linear Technology LT1308ACF Datasheet HTML 16Page - Linear Technology LT1308ACF Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LT1308A/LT1308B
1308abfa
so that copper loss is minimized. Acceptable inductance
values range between 2
μH and 20μH, with 4.7μH best for
most applications. Lower value inductors are physically
smaller than higher value inductors for the same current
capability.
Table 1 lists some inductors we have found to perform well
in LT1308A/LT1308B application circuits. This is not an
exclusive list.
Table 1
VENDOR
PART NO.
VALUE
PHONE NO.
Murata
LQH6C4R7
4.7
μH
770-436-1300
Sumida
CDRH734R7
4.7
μH
847-956-0666
Coiltronics
CTX5-1
5
μH
561-241-7876
Coilcraft
LPO2506IB-472
4.7
μH
847-639-6400
Capacitors
Equivalent Series Resistance (ESR) is the main issue
regarding selection of capacitors, especially the output
capacitors.
The output capacitors specified for use with the LT1308A/
LT1308B circuits have low ESR and are specifically
designed for power supply applications. Output voltage
ripple of a boost converter is equal to ESR multiplied by
switch current. The performance of the AVX TPSD227M006
220
μF tantalum can be evaluated by referring to Figure 3.
When the load is 800mA, the peak switch current is
approximately 2A. Output voltage ripple is about 60mVP-
P, so the ESR of the output capacitor is 60mV/2A or 0.03Ω.
Ripple can be further reduced by paralleling ceramic units.
Table 2 lists some capacitors we have found to perform
well in the LT1308A/LT1308B application circuits. This is
not an exclusive list.
Table 2
VENDOR
SERIES
PART NO.
VALUE
PHONE NO.
AVX
TPS
TPSD227M006
220
μF, 6V 803-448-9411
AVX
TPS
TPSD107M010
100
μF, 10V 803-448-9411
Taiyo Yuden
X5R
LMK432BJ226
22
μF, 10V 408-573-4150
Taiyo Yuden
X5R
TMK432BJ106
10
μF, 25V 408-573-4150
APPLICATIONS INFORMATION
COMPONENT SELECTION
Diodes
We have found ON Semiconductor MBRS130 and Interna-
tional Rectifier 10BQ015 to perform well. For applications
where VOUT exceeds 30V, use 40V diodes such as
MBRS140 or 10BQ040.
Height limited applications may benefit from the use of the
MBRM120. This component is only 1mm tall and offers
performance similar to the MBRS130.
Inductors
Suitable inductors for use with the LT1308A/LT1308B
must fulfill two requirements. First, the inductor must be
able to handle current of 2A steady-state, as well as
support transient and start-up current over 3A without
inductance decreasing by more than 50% to 60%. Second,
the DCR of the inductor should have low DCR, under 0.05
Ω
Figure 17. Start-Up Waveforms of Figure 16’s Circuit
without Soft-Start Components
Figure 18. Start-Up Waveforms of Figure 16’s Circuit
with Soft-Start Components Added
VOUT
5V/DIV
50
μs/DIV
1308 F17
IL1
1A/DIV
VSHDN
10V/DIV
VOUT
5ms/DIV
1308 F18
IL1
1A/DIV
VSHDN
10V/DIV
12V
5V
12V
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com