Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDB2000G Datasheet(PDF) 3 Page - Suntac Electronic Corp.

Part # SDB2000G
Description  silicon bilateral voltage triggered switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAC [Suntac Electronic Corp.]
Direct Link  
Logo SUNTAC - Suntac Electronic Corp.

SDB2000G Datasheet(HTML) 3 Page - Suntac Electronic Corp.

  SDB2000G Datasheet HTML 1Page - Suntac Electronic Corp. SDB2000G Datasheet HTML 2Page - Suntac Electronic Corp. SDB2000G Datasheet HTML 3Page - Suntac Electronic Corp. SDB2000G Datasheet HTML 4Page - Suntac Electronic Corp. SDB2000G Datasheet HTML 5Page - Suntac Electronic Corp. SDB2000G Datasheet HTML 6Page - Suntac Electronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Data Sheets
Sidac
LK
* See Electrical Specification Note (6).
**
R JA for TO-202 Type 23 and Type 41 is 70 °C/Watt.
*** Mounted on 1 cm2 copper foil surface; two-ounce copper foil
Figure E9.1 Peak Surge Current versus Surge Current Duration
Figure E9.2 Normalized DC Holding Current versus Case/Lead
Temperature
VTM
ITSM
RS
dv/dt
di/dt
Volts
MAX
(5)
Amps
(8)
k
Volts/µSec
Amps/µSec
Package
60 Hz
50 Hz
EG
F
S
MIN
MIN
TYP
1.5
1.5
1.5
20
16.7
0.1
1500
150
1.5
1.5
1.5
20
16.7
0.1
1500
150
1.5
1.5
1.5
20
16.7
0.1
1500
150
1.5
1.5
1.5
20
16.7
0.1
1500
150
1.5
1.5
1.5
20
16.7
0.1
1500
150
1.5
1.5
1.5
20
16.7
0.1
1500
150
1.5
1.5
1.5
20
16.7
0.1
1500
150
1.5
1.5
3
1.5
20
16.7
0.1
1500
150
1.5
1.5
3
1.5
20
16.7
0.1
1500
150
1.5
1.5
3
1.5
20
16.7
0.1
1500
150
1.5
1.5
3
1.5
20
16.7
0.1
1500
150
3
20
16.7
0.1
1500
150
Thermal Resistance (Steady State)
R JC [R JA] °C/W (TYPICAL) *
E Package
G Package
F Package
S Package
35 [95]
18 [75]
7 [45] **
30 *** [85]
1.0
10
100
1000
1.0
2.0
4.0
6.0
8.0
10
20
40
SUPPLY FREQUENCY: 60 Hz Sinusoidal
LOAD: Resistive
RMS ON-STATE CURRENT: IT RMS Maximum Rated
Value at Specified Junction Temperature
Notes:
1) Blocking capability may be lost during
and immediately following surge
current interval.
2) Overload may not be repeated until
junction temperature has returned
to steady-state rated value.
Surge Current Duration – Full Cycles
100
0
.5
1.0
2.0
1.5
-15
-40
+25
+65
+105
+125
Case Temperature (TC) –
˚C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com